Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5658-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # 2SC5658-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

2SC5658-HF Datasheet(HTML) 3 Page - Comchip Technology

  2SC5658-HF Datasheet HTML 1Page - Comchip Technology 2SC5658-HF Datasheet HTML 2Page - Comchip Technology 2SC5658-HF Datasheet HTML 3Page - Comchip Technology 2SC5658-HF Datasheet HTML 4Page - Comchip Technology 2SC5658-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RATING AND CHARACTERISTIC CURVES (2S5658-HF)
Page 3
QW-JTR07
REV: A
Comchip
S M D D i o d e S p e c i a l i s t
0.1
Reverse Voltage,V (V)
0.1
50
Fig.7- Cob/Cib — VCE/VEB
1
10
20
10
1
General Purpose Transistor
0
Ambient Temperature,Ta (°C)
0
125
Fig.8 - PC — Ta
25
50
75
125
75
f=1MHZ
IE=0/IC=0
Ta=25°C
25
50
100
100
150
Cib
Cob
Comchip Technology CO., LTD.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com