Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8061 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # C8061
Description  InGaAs multichannel detector head
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C8061 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  C8061 Datasheet HTML 1Page - Hamamatsu Corporation C8061 Datasheet HTML 2Page - Hamamatsu Corporation C8061 Datasheet HTML 3Page - Hamamatsu Corporation C8061 Datasheet HTML 4Page - Hamamatsu Corporation C8061 Datasheet HTML 5Page - Hamamatsu Corporation C8061 Datasheet HTML 6Page - Hamamatsu Corporation C8061 Datasheet HTML 7Page - Hamamatsu Corporation C8061 Datasheet HTML 8Page - Hamamatsu Corporation C8061 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
InGaAs multichannel detector head
C8060/C8061/C8062-01
I Electrical and optical characteristics
[Unless otherwise noted, Ta=25 °C,
C8060-01: G9201-256R (Cf=10 pF), VD=+5 V VA+=+15 V, VA-=-15 V
C8061-01: Ts=-10 °C, G9211-256S (Cf=10 pF) , VD1=+5 V VA+=+15 V, VA-=-15 V, VD2=+5 V, Vp=+5 V, VF=+12 V
C8062-01: Ts=-20 °C, G9208-256W (Cf=10 pF), VD1=+5 V, VA+=+15 V, VA-=-15 V, VD2=+6 V, Vp=+6 V, VF=+12 V ]
Parameter
Symbol
Min.
Typ.
Max.
Unit
C8060/C8061-01
-
0.9 to 1.7
-
µm
Spectral response range
C8062-01
l
-
1.2 to 2.6
-
µm
C8060/C8061-01
-
1.55
-
µm
Peak sensitivity wavelength
C8062-01
lp
-
2.3
-
µm
Saturation output charge
Qsat
-
30
-
pC
Conversion gain *5
G
-
0.3
-
V/pC
C8060-01
-
2
8
pA/pixel
C8061-01
-
0.1
3
pA/pixel
Dark current
C8062-01
ID
-
1000
4000
pA/pixel
C8060/C8061-01
-
-
±5
%
Photo response non-uniformity *6
C8062-01
PRNU
-
-
±10
%
*5: Including the circuit gain.
*6: Measured at 50 % of the saturated output charge. Except for the start pixel and the last pixel.
I Specifications for temperature controller (only for C8061/C8062-01)
[Unless otherwise noted, Ta=25 °C,
C8061-01: Ts=-10 °C, VD=+5 V, VA+=+15 V, VA-=-15 V, VD2=+5 V, Vp=+5 V, VF=+12 V
C8062-01: Ts=-20 °C, VD=+5 V, VA+=+15 V, VA-=-15 V, VD2=+6 V, Vp=+6 V, VF=+12 V]
Parameter *7
Symbol
Min.
Typ.
Max.
Unit
C8061-01
-11
-10
-9
°C
Cooling temperature
C8062-01
Ts
-21
-20
-19
°C
Temperature control range
DTs
-0.1
-
+0.1
°C
C8061-01
-
-
7
W
Power dissipation of peltier
element
C8062-01
Pp
--
11
W
Cool down time to preset temperature
to
-
-
5
min.
Setting temperature for overheat protection *8
To
-
+45
-
°C
*7: Other functions include error display, automatic power off, and detection of electrical oepns and shorts by the thermosensor.
*8: Temperature at back side of housing. (between housing and fin)
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com