Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8061 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C8061
Description  InGaAs multichannel detector head
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C8061 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C8061 Datasheet HTML 1Page - Hamamatsu Corporation C8061 Datasheet HTML 2Page - Hamamatsu Corporation C8061 Datasheet HTML 3Page - Hamamatsu Corporation C8061 Datasheet HTML 4Page - Hamamatsu Corporation C8061 Datasheet HTML 5Page - Hamamatsu Corporation C8061 Datasheet HTML 6Page - Hamamatsu Corporation C8061 Datasheet HTML 7Page - Hamamatsu Corporation C8061 Datasheet HTML 8Page - Hamamatsu Corporation C8061 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
InGaAs multichannel detector head
C8060/C8061/C8062-01
I Absolute maximum ratings
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply voltage (for digital circuitry)
VD1, VD2 *2
-0.5
-
+7
VA+
-
-
+18
Supply voltage (for analog circuitry)
VA-
-
-
-18
Vp
-
-
+7
Supply voltage *2
VF
--
+14
C8060-01
-
-
VD
Digital input voltage
C8061/C8062-01
-
-
-
VD1, VD2
V
C8060-01
0 to +50
Operating temperature
C8061/C8062-01
Topr
+10 to +30
C8060-01
0 to +50
Storage temperature
C8061/C8062-01
Tstg
0 to +50
°C
I Electrical Characteristics
[unless otherwise noted, Ta=25 °C,
C8060-01: VD=+5 V, VA+=+15 V, VA-=-15 V,
C8061-01: VD1,2=+5 V, VA+=+15 V, VA-=-15 V, VD2=+5 V, Vp=+5 V, VF=+12 V
C8062-01: VD1=+5 V, VA+=+15 V, VA-=-15 V, VD2=+6 V, Vp=+6 V, VF=+12 V]
Parameter
Symbol
Min.
Typ.
Max.
Unit
High level
VIH
+2.0
-
VD1, 2 *4
V
Digital input
Low level
VIL
-0.5
-
+0.8
V
Master clock (CLK) pulse frequency
fCLK
-
-
4
MHz
Data video readout frequency
fv
-
-
fCLK/8
Hz
Master start (start) pulse width
tst
1/fCLK
-
-
s
High level (Io= -6 mA)
VoH
+2.0
-
-
V
Digital output
Low level (Io=+6 mA)
VoL
--
+0.8
V
Power supply conditions
Digital circuitry
VD1
+4.75
+5.0
+5.25
V
VA1+
+14.5
+15.0
+15.5
V
Analog circuitry
VA1-
-14.5
-15.0
-15.5
V
C8061-01
+4.75
+5.0
+5.25
V
C8062-01
VD2
+5.75
+6.0
+6.25
V
C8061-01
+4.75
+5.0
+5.25
V
C8062-01
Vp
+5.75
+6.0
+6.25
V
Voltage
Other *3
VF
+11.75
+12.0
+12.75
V
VD1 (+5 VDC)
-
-
-
+100
mA
VA+ (+15 VDC)
-
-
-
+100
mA
VA- (-15 VDC)
-
-
-
-50
mA
VD2 *3
C8061-01: +5 VDC
C8062-01: +6 VDC
--
-
+20
mA
C8061-01: +5 VDC
-
-
+1.2
+1.7
A
Vp *3
C8062-01: +6 VDC
-
-
+2.0
+3.0
A
Current
VF (+12 VDC) *3
-
-
-
+100
mA
*2: C8060-01 (VD1 only)
*3: C8061/C8062-01
*4: C8060-01: +VD
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com