Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8061 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C8061
Description  InGaAs multichannel detector head
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C8061 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C8061 Datasheet HTML 1Page - Hamamatsu Corporation C8061 Datasheet HTML 2Page - Hamamatsu Corporation C8061 Datasheet HTML 3Page - Hamamatsu Corporation C8061 Datasheet HTML 4Page - Hamamatsu Corporation C8061 Datasheet HTML 5Page - Hamamatsu Corporation C8061 Datasheet HTML 6Page - Hamamatsu Corporation C8061 Datasheet HTML 7Page - Hamamatsu Corporation C8061 Datasheet HTML 8Page - Hamamatsu Corporation C8061 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
C8060/C8061/C8062-01 series are high sensitivity multichannel detector heads for use with InGaAs linear image sensors. C8060-01
is designed for the non-cooled InGaAs linear image sensors, while C8061-01 and C8062-01 for the thermoelectrically cooled InGaAs
linear image sensors for detection at even lower light levels.
C8060/C8061-01 and C8062-01 incorporate a low-noise driver/amplifier circuit that provide reliable operation from simple external
signals. C8061-01 and C8062-01 also include a highly stable temperature controller that cools the sensor to a preset temperature
level (C8061-01: Ts= -10 ˚C, C8062-01: Ts= -20 ˚C) as soon as the power is turned on. If the cooler fails and overheat occurs, the
built-in protection circuit automatically turns off the power to maintain safety. Despite its compact size, the housing configuration is
designed for good heat dissipation, and threaded mounting holes on the front panel allow connections to other devices such as
Features
l Designed for InGaAs linear image sensor
C8061/C8062-01: TE-cooled type
C8060-01: non-cooled type
l Built-in driver/amplifier and temperature circuit
l Highly stable temperature controller (C8061/C8062-01)
Cooling temperature (Ta=10 to 30 ˚C)
fixed at -10 ± 0.1 ˚C (C8061-01), -20 ± 0.1 ˚C (C8062-01)
l Simple signal input operation
l Compact configuration
Applications
l Near infrared multichannel spectroscopy
l Radiation thermometry
l Non-destructive inspection
l Optical fiber transmittance measurement
IMAGE
SENSOR
InGaAs multichannel detector head
Designed for InGaAs linear image sensor
C8060/C8061/C8062-01
PRELIMINARY DATA
Mar. 2003
I Selection Guide
The table below shows InGaAs image sensors applicable for the C8061/C8060/C8062-01.
Scince the C8061/C8060/C8062-01 do not include aInGaAs image sensor, so select the desired sensor and order itsparately.
InGaAs linear image sensor
Type No.
Type No.
Cooling
Number of
pixels
Number of
active pixels *1
Pixel size
[µm(H) × µm(V)]
Active area
[mm (H) × mm (V)]
G9201-256R
256
256
50 × 250
12.8 × 0.25
G9202-512R
512
512
25 × 250
12.8 × 0.25
G9203-256R
256
256
50 × 500
12.8 × 0.50
C8060-01
G9204-512R
non-cooling
512
512
25 × 500
12.8 × 0.50
G9201-256S
256
256
50 × 250
12.8 × 0.25
G9202-512S
512
512
25 × 250
12.8 × 0.25
G9203-256S
256
256
50 × 500
12.8 × 0.50
G9204-512S
512
512
25 × 500
12.8 × 0.50
G9211-256S
256
>251
50 × 250
12.8 × 0.25
G9212-512S
512
>502
25 × 250
12.8 × 0.25
G9213-256S
256
>251
50 × 500
12.8 × 0.50
C8061-01
G9214-512S
One-stage
TE-cooled
512
>502
25 × 500
12.8 × 0.50
G9205-256W
G9206-256W
G9207-256W
C8062-01
G9208-256W
Two-stage
TE-cooled
256
>244
50 × 250
12.8 × 0.25
*1: Number of active pixels: The total number of pixels whose dark current and sensitivity uniformity do not exceed the maximum values.
1


Similar Part No. - C8061

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C8061 HAMAMATSU-C8061 Datasheet
303Kb / 11P
Designed for InGaAs linear image sensor
C8061-01 HAMAMATSU-C8061-01 Datasheet
333Kb / 6P
Multichannel detector head controller
C8061-01 HAMAMATSU-C8061-01 Datasheet
303Kb / 11P
Designed for InGaAs linear image sensor
C8061-01 HAMAMATSU-C8061-01_15 Datasheet
1,001Kb / 12P
Designed for InGaAs linear image sensor
More results

Similar Description - C8061

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C5964 HAMAMATSU-C5964 Datasheet
243Kb / 6P
NMOS multichannel detector head
C7020 HAMAMATSU-C7020 Datasheet
221Kb / 7P
CCD multichannel detector head
C7027 HAMAMATSU-C7027 Datasheet
183Kb / 7P
CCD multichannel detector head
C7040 HAMAMATSU-C7040 Datasheet
208Kb / 6P
CCD multichannel detector head
C7180 HAMAMATSU-C7180 Datasheet
68Kb / 2P
CCD multichannel detector head
C7557 HAMAMATSU-C7557 Datasheet
337Kb / 6P
Multichannel detector head controller
C7973 HAMAMATSU-C7973 Datasheet
196Kb / 7P
CCD multichannel detector head
C8892 HAMAMATSU-C8892 Datasheet
121Kb / 4P
NMOS multichannel detector head
C5964 HAMAMATSU-C5964_05 Datasheet
286Kb / 6P
NMOS multichannel detector head
C7557 HAMAMATSU-C7557_07 Datasheet
333Kb / 6P
Multichannel detector head controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com