Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS06A03T3V3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GS06A03T3V3
Description  MAX Guard??ESD Suppressor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS06A03T3V3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GS06A03T3V3 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS06A03T3V3 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS06A03T3V3 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS06A03T3V3 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS06A03T3V3 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS06A03T3V3 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS06A03T3V3 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS06A03T3V3 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MAX Guard
 ESD Suppressor
(Low Capacitance Series)
Document No
TGS-XX0S001C
Issued date
2013/8/30
Page
2/8
TA-I TECHNOLOGY CO., LTD
4. Rating and Characteristics:
Type
Continuous
Operating
Voltage
(Max.)
ESD Capability
1
Trigger
Voltage
(Typ.)
2
Clamping
Voltage
(Typ.)
2
Capacitance
(Typ.)
3
Leakage
Current (Typ.)
ESD
Pulse
Withstand
(Typ.)
4
GS04A03T3V3
3.3 VDC
Direct
Discharge: 8KV
Air
Discharge:15KV
350V
35V
<0.2 pF
<30nA
(12VDC)
>500
pulses
GS06A03T3V3
GS04A05T3V3
5.5 VDC
GS06A05T3V3
GS04A12T3V3
12 VDC
GS06A12T3V3
GS04A24T3V3
24 VDC
GS06A24T3V3
Note:
(1)The function meets with the requirement of IEC 61000-4-2 specification.
(2)Trigger measurement made using Transmission Line Pulse method.
(3)Capacitance measured at 1 MHz.
(4)Performing under IEC 61000-4-2 level 4 (8KV contact discharge, 15KV air discharge). Leakage current <1
A.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com