Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS06A03T3V3 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GS06A03T3V3
Description  MAX Guard??ESD Suppressor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS06A03T3V3 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GS06A03T3V3 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS06A03T3V3 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS06A03T3V3 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS06A03T3V3 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS06A03T3V3 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS06A03T3V3 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS06A03T3V3 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS06A03T3V3 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MAX Guard
 ESD Suppressor
(Low Capacitance Series)
Document No
TGS-XX0S001C
Issued date
2013/8/30
Page
5/8
TA-I TECHNOLOGY CO., LTD
7.2 Reel Specifications
Unit: mm
Series
A
B
C
W
T
GS04
GS06
180
+0
-3
60 min
13.0±1.0
9.0±1.0
11.4±2.0
7.3 Peel –off force
8. Storage Conditions:
Temperature: 5℃~35℃, Humidity: 40%~75%
9. Shelf Life:
2 years from manufacturing date
Carrier tape
Top cover tape
10~15
o , Standard :0.1~0.7N
Pull
300mm/min



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com