Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS06A03T3V3 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GS06A03T3V3
Description  MAX Guard??ESD Suppressor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS06A03T3V3 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GS06A03T3V3 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS06A03T3V3 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS06A03T3V3 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS06A03T3V3 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS06A03T3V3 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS06A03T3V3 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS06A03T3V3 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS06A03T3V3 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MAX Guard
 ESD Suppressor
(Low Capacitance Series)
Document No
TGS-XX0S001C
Issued date
2013/8/30
Page
3/8
TA-I TECHNOLOGY CO., LTD
5. Dimensions
6. Reliability Test
Environmental
Specification
Reference Standard
Test Condition
Specification
Operating temperature
-55℃ to 125℃
IL<1μA
1
Full load voltage
85℃ for 1000 hrs at working
voltage
Resistance of solder heat
MIL-STD-202 Method 210
260 ± 5℃ for 10 ± 1 sec
Thermal shock
MIL-STD-202 Method 107
-55℃ to 125℃, 5 cycles
Moisture resistance
MIL-STD-883, Method 1004.7
85%RH, 85℃ for 1000hrs at
working voltage
Solderability
MIL-STD-202, Method 208
245 ± 5℃ solder, 2 ± 0.5 sec dwell.
Solder: Sn96.5/Ag3.0/Cu0.5
95% coverage
Note: 1. IL is the simplification of Leakage Current
Type
(Inch Size Code)
Dimensions (mm)
L
W
C
d
t
GS04
(0402)
1.0±0.1
0.52±0.05
0.2±0.1
0.25±0.1
0.36±0.05
GS06
(0603)
1.6±0.1
0.8±0.1
0.3±0.2
0.35±0.2
0.45±0.1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com