Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS06A05T3V3 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GS06A05T3V3
Description  MAX Guard??ESD Suppressor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS06A05T3V3 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  GS06A05T3V3 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS06A05T3V3 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS06A05T3V3 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS06A05T3V3 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS06A05T3V3 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS06A05T3V3 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS06A05T3V3 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS06A05T3V3 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MAX Guard
 ESD Suppressor
(Low Capacitance Series)
Document No
TGS-XX0S001C
Issued date
2013/8/30
Page
6/8
TA-I TECHNOLOGY CO., LTD
10. Label
11. Recommended land patterns
Unit: mm
Land Pattern
Type
Size
Dimension
a
b
c
GS
04 ( 0402 )
0.5~0.6
1.4~1.6
0.4~0.6
GS
06 ( 0603 )
0.7~0.9
2.0~2.2
0.8~1.0
Suppressor Element
V2
QTY: 10000 PCS
T61840001
0618
0603
GS06A24T3V3
LOT NO :
Date Code
Operating Voltage
24V
Type



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com