Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS06A05T3V3 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GS06A05T3V3
Description  MAX Guard??ESD Suppressor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS06A05T3V3 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  GS06A05T3V3 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS06A05T3V3 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS06A05T3V3 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS06A05T3V3 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS06A05T3V3 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS06A05T3V3 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS06A05T3V3 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS06A05T3V3 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MAX Guard
 ESD Suppressor
(Low Capacitance Series)
Document No
TGS-XX0S001C
Issued date
2013/8/30
Page
7/8
TA-I TECHNOLOGY CO., LTD
12. Recommend IR – Reflow profile : (solder : Sn96.5 / Ag3 / Cu0.5)
Peak : 250
0
5
℃
, 5 sec
Pre – heat Zone : 150 to 180℃, 90±30 sec
Soldering Zone : 230℃ or higher , 30±10 sec
13. ECN
Engineering Change Notice: The customer will be informed with ECN if there is significant
modification on the characteristics and materials described in Approval Sheet.
14. Manufacturing Country & City :
TA-I TECHNOLOGY CO., LTD. ( Taiwan – Tao Yuan )
Tel: 886-3-3246169
Fax : 886-3-3246167
Associated companies :
(1) FORTUNE TASK RESISTOR FACTORY ( China – Dong Guan )
Tel : 86-769-83394790 Fax : 86-769-83394794
(2) TA-I TECHNOLOGY ( SU ZHOU ) CO., LTD. ( China – Su Zhou)
Tel :86- 512-63457879 Fax : 86-512-63457869
(3) TAI OHM ELECTRONICS ( M ) SDN. BHD. ( Malaysia – Pulaupinang )
Tel :604- 3900480
Fax : 604-3901481
(4) P.T.TAI ELECTRONICS Indonesia ( Indonesia – Jakarta )
Tel :62-21-89830123 Fax : 62-21-89830703



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com