Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS06A05T3V3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GS06A05T3V3
Description  MAX Guard??ESD Suppressor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS06A05T3V3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GS06A05T3V3 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS06A05T3V3 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS06A05T3V3 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS06A05T3V3 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS06A05T3V3 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS06A05T3V3 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS06A05T3V3 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS06A05T3V3 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MAX Guard
 ESD Suppressor
(Low Capacitance Series)
Document No
TGS-XX0S001C
Issued date
2013/8/30
Page
1/8
TA-I TECHNOLOGY CO., LTD
1. Scope
Bi-directional MAX Guard ESD suppressors are designed for high frequency circuit applications. They are
specifically produced to protect sensitive electronic circuit data lines against electrostatic discharge (ESD, as
specified in IEC61000-4-2 and MIL-STD-883C). The low capacitances and leakage currents of these products
are contributed by “micro air space discharge technology” designed by TA-I.
2. Construction
3. Type Designation
Over Coat
Ceramic Substrate
Conductor
Ni Plating
Suppressor Element
Sn Plating
GS
MAX Guard
Suppressor
A
A:Suit for
IEC61000-4-2
T
Packaging
T:Paper
tape(5K/10K)
12
Operating
Voltage
12:12V
Max:24V
06
Size
04:0402(1005)
06:0603(1608)
3
Typical
Clamping
Voltage
3: 35V
V3
Typical
Trigger
Voltage
V3: 350V


Similar Part No. - GS06A05T3V3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS069 ETC2-GS069 Datasheet
236Kb / 4P
DC Rotational Velocity Controller for Electrical Tools
logo
Mean Well Enterprises C...
GS06E MEANWELL-GS06E Datasheet
117Kb / 2P
4 ~ 6WAC-DC Single Output Wall-mounted type
GS06E-0P1J MEANWELL-GS06E-0P1J Datasheet
117Kb / 2P
4 ~ 6WAC-DC Single Output Wall-mounted type
GS06E-11P1J MEANWELL-GS06E-11P1J Datasheet
117Kb / 2P
4 ~ 6WAC-DC Single Output Wall-mounted type
GS06E-11P1J MEANWELL-GS06E-11P1J Datasheet
177Kb / 2P
5 ~ 6WAC-DC Single Output Wall-mounted type
More results

Similar Description - GS06A05T3V3

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
MS04A03T1V1 AAC-MS04A03T1V1 Datasheet
59Kb / 1P
MS Low Capacitance MAX Guard짰 ESD Suppressor
MSA24A03T1V1 AAC-MSA24A03T1V1 Datasheet
66Kb / 1P
MSA Low Capacitance MAX Guard짰 ESD Suppressor Array
UMSA24A03T1V1 AAC-UMSA24A03T1V1 Datasheet
66Kb / 1P
Ultra-Low Capacitance MAX Guard ESD Suppressor Array (High Frequency Type)
logo
Panasonic Semiconductor
EZA-EG2A50AX PANASONIC-EZA-EG2A50AX Datasheet
94Kb / 2P
ESD Suppressor
logo
List of Unclassifed Man...
TGS06A12T30 ETC-TGS06A12T30 Datasheet
614Kb / 8P
MAX Guard Transient Voltage Suppressor
UGS04A03T3V3 ETC-UGS04A03T3V3 Datasheet
638Kb / 8P
MAX Guard ESD Suppressor
logo
Moda-InnoChips Co., Ltd...
ULCE0505C015FR ICT-ULCE0505C015FR Datasheet
90Kb / 5P
ESD Suppressor
ULCE1005A015FR ICT-ULCE1005A015FR Datasheet
90Kb / 5P
ESD Suppressor
logo
Eaton All Rights Reserv...
0603ESDA-TR1 EATON-0603ESDA-TR1 Datasheet
783Kb / 3P
ESD suppressor
0603ESDA2-TR2 EATON-0603ESDA2-TR2 Datasheet
494Kb / 3P
ESD suppressor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com