Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS-0615-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RS-0615-R
Description  1U Rackmount Power Strip with 6 Rear-Facing Outlets and 15-ft. Cord
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RS-0615-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RS-0615-R Datasheet HTML 1Page - List of Unclassifed Manufacturers RS-0615-R Datasheet HTML 2Page - List of Unclassifed Manufacturers RS-0615-R Datasheet HTML 3Page - List of Unclassifed Manufacturers RS-0615-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OVERVIEW
Intended Application
Computer Networks
OUTPUT
Frequency compatibility
50 / 60 Hz
Circuit Breaker (amps)
15
Outlet quantity / type
6 NEMA 5-15R
INPUT
Nominal Input Voltage(s) Supported
120V AC
Recommended Electrical Service
15A 120V
Input connection type
NEMA 5-15P
Input cord length (ft.)
15
Input cord length (m)
4.572
Voltage compatibility (VAC)
120
LEDS ALARMS & SWITCHES
Switches
Red illuminated 2 positon switch controls power to all outlets
Locking switch cover
Transparent locking switch cover prevents accidental shutoff
PHYSICAL
Unit Dimensions (HWD/in)
1.75 (1U) x 17.5 x 4.5
Unit Dimensions (HWD/cm)
4.445 x 44.45 x 11.4
Unit weight (lbs)
4.5
Unit weight (kg)
2.04
Material of construction
Sheet metal
Receptacle Color
Black
AC line cord color
Black
Style
Rackmount
Form factors supported
1U rackmount, wall-mount and undercounter installation supported
Outlets center to center
measurement
Distance between grouped outlets = 38.90mm; Distance between groups = 75.4mm; Distance between duplex
outlets = 114.3mm
SPECIAL FEATURES
TVSS grounding
Back panel nut and bolt grounding lug
CERTIFICATIONS
2 / 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com