Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS-0615-R Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RS-0615-R
Description  1U Rackmount Power Strip with 6 Rear-Facing Outlets and 15-ft. Cord
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RS-0615-R Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RS-0615-R Datasheet HTML 1Page - List of Unclassifed Manufacturers RS-0615-R Datasheet HTML 2Page - List of Unclassifed Manufacturers RS-0615-R Datasheet HTML 3Page - List of Unclassifed Manufacturers RS-0615-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NOM (Mexico)
NOM
UL1363 (Power Tap)
UL1363 (UR status)
cUL / CSA (Canada)
cUL
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
Related Items
Optional Products
Model Number
Description
Qty.
PDUSIDEBRKT
Enables Vertical Installation of Select 1U PDUs, Power Strips and Surge Suppressors in SmartRack
Configurations
1
More information, including related products, owner's manuals, and additional technical specifications, can be found online at:
http://www.tripplite.com/sku/RS-0615-R.
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
3 / 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com