Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS-0615-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RS-0615-R
Description  1U Rackmount Power Strip with 6 Rear-Facing Outlets and 15-ft. Cord
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RS-0615-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RS-0615-R Datasheet HTML 1Page - List of Unclassifed Manufacturers RS-0615-R Datasheet HTML 2Page - List of Unclassifed Manufacturers RS-0615-R Datasheet HTML 3Page - List of Unclassifed Manufacturers RS-0615-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1U Rackmount Power Strip with 6 Rear-Facing
Outlets and 15-ft. Cord
MODEL NUMBER: RS-0615-R
Description
Tripp Lite's RS-0615-R power strip offers 15 amp capacity AC power distribution in a versatile multi-mount
cabinet. Detachable mounting flanges are configurable for rackmount, wallmount and under-counter installation.
Uses only 1 rack space (1U) when installed in any 19 inch rack meeting EIA standards. Unfiltered electrical
pass-through makes RS-0615-R ideal for distributing alternate waveform UPS or generator power in rack
enclosures, network closets and more. Includes 6 rear-facing NEMA5-15R outlets, 15 ft AC power cord and lighted switch with latching safety cover prevents
risk of accidental turn-off.
PLUG/OUTLETS: Input: NEMA 5-15P/Output: 6 Rear-facing NEMA5-15R
ELECTRICAL: 120V AC, 50/60Hz, 15A (Requires standard NEMA 5-15R wall receptacle)
FORMAT: Supports 19 in. rackmount (uses 1 rack space/1U), wallmount, under-counter and more
Features
Versatile all-metal cabinet with detachable mounting flanges allows rackmount, wallmount, undercounter and other creative mounting options
Uses one rack space (1U) in standard 19 inch rack ("zero U" mounting possible in many racks)
Unfiltered electrical pass-through reliably distributes alternate waveform AC power from UPS or generator to supported equipment
6 rear facing NEMA5-15R output receptacles
15 foot AC cord NEMA5-15P plug connection
Lighted power switch confirms power on/off status
Latching switch guard prevents accidental turn off
15 amp electrical capacity with circuit breaker
120VAC, 50/60Hz electrical compatibility
Specifications
Highlights
6 rear facing outlets
15 ft. cord
19" 1U rackmount
All-metal housing
Applications
Offers multiple outlet power
distribution for multiple loads in
19 inch rackmount, wallmount
and under- counter applications,
such as internetworking, PC
systems, telecommunications,
audio/video, security, sound
reinforcement and more. Ideal
for distribution of UPS, generator
or commercially derived AC
power to protected equipment.
Package Includes
RS-0615-R Power Strip
Warranty information
Instruction manual
1 / 3


Similar Part No. - RS-0615-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS-0615-F ETC2-RS-0615-F Datasheet
474Kb / 4P
1U Rackmount Power Strip with 6 Front-Facing Outlets and 15-ft. Cord
More results

Similar Description - RS-0615-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS-1215-RA ETC2-RS-1215-RA Datasheet
471Kb / 4P
1U Rackmount Power Strip with 12 Right-Angle Outlets and 15-ft. Cord
RS-0615-F ETC2-RS-0615-F Datasheet
474Kb / 4P
1U Rackmount Power Strip with 6 Front-Facing Outlets and 15-ft. Cord
TLM626NS ETC2-TLM626NS Datasheet
483Kb / 4P
Power It! Safety Power Strip with 6 Outlets and 6-ft. Cord
TLM815NS ETC2-TLM815NS Datasheet
499Kb / 4P
Power It! Safety Power Strip with 8 Outlets, 15-ft. Cord and Integrated Cord Wrap
UL24RA-15 ETC2-UL24RA-15 Datasheet
481Kb / 4P
Waber-by-Tripp Lite Power Strip with 6 Right-Angle Outlets and 15-ft. Cord
PS-615-HG-OEM ETC2-PS-615-HG-OEM Datasheet
488Kb / 4P
For Patient-Care Areas - Medical-Grade Power Strip with 6 Outlets and 15-ft. Cord
RS1215-HG ETC2-RS1215-HG Datasheet
475Kb / 4P
NOT For Patient Areas - 1U Rackmount Power Strip with 12 Hospital-Grade Outlets and 15-ft. Cord
TLM609NS ETC2-TLM609NS Datasheet
483Kb / 4P
Power It! Safety Power Strip with 6 Outlets, 9-ft. Cord and Integrated Cord Wrap
logo
Tripp Lite. All Rights ...
TLM1015NC TRIPPLITE-TLM1015NC Datasheet
98Kb / 3P
Power It! Power Strip with 10 Outlets and 15-ft. Cord
RS-1215-20T TRIPPLITE-RS-1215-20T Datasheet
155Kb / 3P
1U Rack-Mount Power Strip, 120V, 20A, L5-20P, 12 Outlets (6 Front-Facing, 6-Rear-Facing) 15 ft. (4.57 m) Cord
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com