Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSUT1CSU Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DSUT1CSU
Description  RJ45 Network Surge Suppressor for Digital and Leased Lines, T-1 Equipment and ISDN Interfaces
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DSUT1CSU Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DSUT1CSU Datasheet HTML 1Page - List of Unclassifed Manufacturers DSUT1CSU Datasheet HTML 2Page - List of Unclassifed Manufacturers DSUT1CSU Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RJ45 Network Surge Suppressor for Digital and
Leased Lines, T-1 Equipment and ISDN Interfaces
MODEL NUMBER: DSUT1CSU
Description
Tripp Lite's DSUT1CSU offers complete surge suppression for equipment on digital and leased lines, T1 and
ISDN interfaces. Ideal for the protection of sensitive "U" and "S/T" interfaces on modems, NT1 devices, CSU/DSUs, terminal adapters and other pieces of
high-speed equipment. Convenient 8 position input/output RJ style jacks are RJ11/45/48 compatible, includes 5 inch ethernet patch cable for convenient
placement at the protected device network connection. Surge suppression is handled with balanced arrays of high-speed avalanche diodes that divert excess
energies created by electrostatic discharges, faulty wiring or lightning away from network interface connections. Tripp Lite network surge suppressors reduce
blown interface ports, garbled network transmissions, system lock-ups and hard equipment failure by safely shunting dataline surges to ground.
SUPPRESSION: 1 set RJ11/45/48 in/out jacks, protects wires 1-8, 60V clamping
Features
DSUT1CSU offers full surge suppression for CSU/DSU's and other high speed equipment on digital and leased lines, T1 and ISDN interfaces
Convenient RJ45 input and output connections make for simple installation (RJ45 input/output connections, pins 1-8, 60V clamping)
5 inch ethernet patch cable enables ideal protection placed as close as possible to the point of use
Surge suppression utilizing high speed avalanche diodes divert excess energies on the network to ground
Specifications
OVERVIEW
Intended Application
Home/Office, Computer Networks
OUTPUT
Circuit Breaker (amps)
200
INPUT
Highlights
Complete T1 and ISDN
(RJ11/45/48) surge protection
Protects against the effects of
electrostatic discharge, faulty
wiring and lightning
Applications
Ideal for the protection of
sensitive "U" and "S/T" interfaces
on modems, NT1 devices,
CSU/DSUs, terminal adapters
and other pieces of high-speed
equipment
Package Includes
DSUT1CSU dataline protector
5 inch RJ45 patch cable
Instruction manual and warranty
information
1 / 2


Similar Part No. - DSUT1CSU

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DSUT1CSU TRIPPLITE-DSUT1CSU Datasheet
154Kb / 3P
Datashield In-Line Surge Protector for Network and Digital/Leased Lines, T-1, ISDN, 1-Set RJ11/45/48
More results

Similar Description - DSUT1CSU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TPI8011N STMICROELECTRONICS-TPI8011N Datasheet
56Kb / 7P
TRIPOLAR PROTECTION FOR ISDN INTERFACES
07-Nov-2007
logo
Microsemi Corporation
TCP009A MICROSEMI-TCP009A Datasheet
870Kb / 8P
DUAL ASYMETRICAL TRANSIENT SUPPRESSOR FOR XDSL AND DATA LINES
logo
Synaptics Incorporated.
BT8375 CONEXANT-BT8375 Datasheet
1Mb / 323P
single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
logo
STMicroelectronics
TPI8011N STMICROELECTRONICS-TPI8011N_08 Datasheet
193Kb / 9P
Tripolar protection for ISDN interfaces
07-Nov-2007
logo
List of Unclassifed Man...
DNET1 ETC2-DNET1 Datasheet
465Kb / 3P
RJ45 Network Surge Suppressor for Network/Phone Lines
DTEL2 ETC2-DTEL2 Datasheet
466Kb / 3P
2-Line RJ11/RJ45 Network Surge Suppressor for Network/Phone Lines
logo
STMicroelectronics
TPI STMICROELECTRONICS-TPI Datasheet
195Kb / 9P
Tripolar protection for ISDN interfaces
07-Nov-2007
logo
Tripp Lite. All Rights ...
DNET1 TRIPPLITE-DNET1 Datasheet
153Kb / 3P
DataShield In-Line Surge Protector for Network and Phone Lines, 1-Line RJ45
DSUT1CSU TRIPPLITE-DSUT1CSU Datasheet
154Kb / 3P
Datashield In-Line Surge Protector for Network and Digital/Leased Lines, T-1, ISDN, 1-Set RJ11/45/48
DTEL2 TRIPPLITE-DTEL2 Datasheet
168Kb / 3P
DataShield In-Line Surge Protector for Network and Phone Lines, 2-Line RJ11/RJ45
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com