Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IB8RM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IB8RM
Description  8 outlet, 12ft cord, 3840 Joules, Remote on/off switch, All-metal housing - Isobar Surge Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IB8RM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IB8RM Datasheet HTML 1Page - List of Unclassifed Manufacturers IB8RM Datasheet HTML 2Page - List of Unclassifed Manufacturers IB8RM Datasheet HTML 3Page - List of Unclassifed Manufacturers IB8RM Datasheet HTML 4Page - List of Unclassifed Manufacturers IB8RM Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
8 outlets arranged in four filter banks prevent system crashes, reboots and performance problems common as noisy peripherals are powered off and on
Network grade surge suppression rated at 3840 joules/97,000 amps
Widely spaced outlets accommodate up to 4 large transformer plugs without blocking outlets
Lighted power switch with integrated 12 amp circuit breaker offers power control and overload protection
12 foot AC line cord with space-saving angled input plug
Keyhole mounting tabs for installation in a variety of application
120V AC, 50/60Hz electrical compatibility
$50,000 Ultimate Lifetime Insurance (USA, Puerto Rico and Canada only)
Specifications
OVERVIEW
Intended Application
Home/Office, Computer Networks
OUTPUT
Frequency compatibility
50 / 60 Hz
Output watts
1440
Circuit Breaker (amps)
12
Outlet quantity / type
8 NEMA 5-15R
Transformer accommodation
Supports up to 4 large transformer plug accessories without covering remaining outlets
INPUT
Nominal Input Voltage(s) Supported
120V AC
Recommended Electrical Service
120V (110-125V)
Input connection type
NEMA 5-15P input plug
Input plug features
Space-saving right angle input plug
Input cord length (ft.)
12
Input cord length (m)
3.7
Voltage compatibility (VAC)
120
Maximum Surge Amps
150000
LEDS ALARMS & SWITCHES
Switches
Combination AC circuit breaker and mountable two position illuminated on/off power switch at the end of a 9 foot
cable
SURGE / NOISE SUPPRESSION
AC suppression joule rating
3840
AC suppression response time
NM = 0 ns. CM = <1 ns
2 / 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com