Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IB8RM Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # IB8RM
Description  8 outlet, 12ft cord, 3840 Joules, Remote on/off switch, All-metal housing - Isobar Surge Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IB8RM Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IB8RM Datasheet HTML 1Page - List of Unclassifed Manufacturers IB8RM Datasheet HTML 2Page - List of Unclassifed Manufacturers IB8RM Datasheet HTML 3Page - List of Unclassifed Manufacturers IB8RM Datasheet HTML 4Page - List of Unclassifed Manufacturers IB8RM Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Protection modes
Includes full normal mode (H-N) and common mode (N-G / H-G) line surge suppression
Clamping voltage (RMS)
140V
AC suppression surge current rating
97,000 amps (36,000 NM / 61,000 CM)
AC suppression components used
Metal oxide varistors, toroidal balanced chokes, ferrite rod-core inductors and VHF capacitors.
Safe thermal fusing
Prevents unsafe conditions during extreme extended over-voltages and catastrophic occurrences
UL1449 let through rating
330V
IEEE587 Cat. A ringwave let through
Less than 35 volts
EMI / RFI filtering
40-80 dB
Isolated filter banks
Unique isolated filter bank design offers additional filtering between each duplex pair of outlets on the strip to
prevent electrical noise interference between connected loads. Includes 4 filter banks.
Immunity
Conforms to IEE 587 / ANSI C62.41
DATALINE SURGE SUPPRESSION
Telephone/DSL Protection
No
Cable (Coax) Protection
No
Network (Ethernet) Protection
No
PHYSICAL
Unit Dimensions (HWD/in)
2.5 x 9 x 3.5
Unit Dimensions (HWD/cm)
6.4 x 22.9 x 8.9
Material of construction
Metal
Integrated keyhole mounting tabs
Metal end caps and remote power switch are fitted with keyhole mounting tabs for desk or wallmount installation
Housing Color
Light Gray
Receptacle Color
Black
AC line cord color
Light Gray
Style
Strip
Outlets center to center
measurement
Distance between horizontal outlets = 39.45mm; Distance between vertical outlets = 38.66mm
Keyhole slot center to center
measurement
Distance between horizontal tabs = 210.79mm; Distance between vertical tabs = 58.17mm
SPECIAL FEATURES
Appearance
Rugged all-metal corded strip format with high quality duplex receptacles
Right-Angle Plug
Yes
CERTIFICATIONS
UL1449 3rd Edition (AC
Suppression)
Tested to UL1449 3rd Edition by ETL
3 / 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com