Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IB8RM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IB8RM
Description  8 outlet, 12ft cord, 3840 Joules, Remote on/off switch, All-metal housing - Isobar Surge Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IB8RM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IB8RM Datasheet HTML 1Page - List of Unclassifed Manufacturers IB8RM Datasheet HTML 2Page - List of Unclassifed Manufacturers IB8RM Datasheet HTML 3Page - List of Unclassifed Manufacturers IB8RM Datasheet HTML 4Page - List of Unclassifed Manufacturers IB8RM Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
8 outlet, 12ft cord, 3840 Joules, Remote on/off
switch, All-metal housing - Isobar Surge Suppressor
MODEL NUMBER: IB8RM
Description
For more than 20 years, America's leading companies have trusted Tripp Lite's Isobar Premium surge and noise
suppressors to protect sensitive computer, networking and telecom equipment. With more than 18 million
satisfied customers, the Isobar remains the world's #1 selling premium surge suppressor. Loaded with a
generous combination of high quality components, near indestructible all-metal case and unique noise filtration
system, the Isobar offers the highest level of protection attainable in a multi-outlet strip. Robust surge
suppression circuits with sine-wave tracking offer extreme levels of protection against the heaviest surge
conditions exceeding IEEE 587 category A & B specifications and reducing 6,000V test surges to harmless
levels under 35 volts. Isobar's unique protection system combines large toroidal chokes, ferrite rod-core
inductors, HF/VHF capacitors and multiple layers of metal oxide varistors into exclusive isolated filter banks that
remove EMI/RFI interference, even noise generated by other pieces of connected equipment. IB8RM offers 8 outlets arranged in four filter banks to prevent
system crashes, reboots and performance problems common as noisy system peripherals are powered off and on. Surge suppression rated at 3840
joules/97,000 amps offers network-grade protection. Widely spaced NEMA 5-15 outlets accommodate up to 4 large transformer plugs without blocking outlets.
Unique mountable remote switch at the end of a 9 foot cord allows convenient power switching of desktop computers and peripherals without reaching under
desks or workbenches. 12 foot AC line cord with space-saving angled input plug and keyhole mounting tabs.
PLUG/OUTLETS: Input: NEMA 5-15P/Output: 8 NEMA 5-15R/12-ft. AC line cord/Remote power switch with 9 foot cord
ELECTRICAL: 120V AC, 50/60Hz (Requires NEMA 5-15R wall receptacle)
SUPPRESSION: AC: 140V RMS Clamping/3840 joules/97,000 amps
Features
Tripp Lite's ISOBAR is the world's #1 selling premium suppressor series with more than 18 million satisfied customers and a safety-tested history of 20+
years
Robust surge suppression with sine-wave tracking protects against the heaviest of surge conditions, exceeding IEEE category A&B specifications and
reducing 6,000V test surges to harmless levels less than 35 volts
Multi-component suppression circuits combine toroidal chokes, ferrite rod-core inductors, HF/VHF capacitors and multiple layers of metal oxide varistors
into exclusive isolated filter banks that remove EMI/RFI interference, even noise from other pieces of connected equipment
8 outlets arranged in four filter banks prevent system crashes, reboots and performance problems common as noisy peripherals are powered off and on
Highlights
8 outlets / 12-ft. cord
3840 joule rating
Remote on/off switch on a 9-ft.
cord
All metal housing
Isolated filter banks
$50,000 Ultimate Lifetime
Insurance (USA, Puerto Rico &
Canada only)
Applications
Ideal for premium protection and
convenient power off/on control
of personal computers with
peripherals, network and
CAD/CAM/CAE workstations,
internetworking accessories,
telecommunications systems,
point of sale equipment,
audio/video and home theater
systems in any home, office or
industrial application.
Package Includes
IB8RM Surge Suppressor
Instruction manual with warranty
information
1 / 4


Similar Part No. - IB8RM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IB815 ETC2-IB815 Datasheet
1Mb / 1P
Intel짰 Atom??D525 5.25" Disk-Size SBC w/ Intel짰 ICH8M Chipset
IB827 ETC2-IB827 Datasheet
1Mb / 1P
6x SATA II, 2x COM, 6x USB 2.0, Watchdog timer
logo
Fluke Corporation
IB875K FLUKE-IB875K Datasheet
2Mb / 4P
1000 volt insulated hand tools. Lifetime warranty.
logo
List of Unclassifed Man...
IB883 ETC2-IB883 Datasheet
1Mb / 1P
3.5" Disk-Size SBC
IB884T ETC2-IB884T Datasheet
941Kb / 1P
Supports CRT and LVDS (24-bit single channel)
More results

Similar Description - IB8RM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISOBAR4ULTRA ETC2-ISOBAR4ULTRA Datasheet
496Kb / 5P
4 outlets, 6ft cord, 3330 joules, All-metal housing with LEDs - Isobar Surge Suppressor
IBAR12-20ULTRA ETC2-IBAR12-20ULTRA Datasheet
485Kb / 5P
12 outlet, 15-ft cord, 3840 joules, Rackmount Isobar Surge Suppressor
ISOTEL4ULTRA ETC2-ISOTEL4ULTRA Datasheet
506Kb / 5P
4-outlet, 6-ft cord, 3330 joules, Modem/fax protection, All metal housing Isobar Surge Suppressor
IBAR12 ETC2-IBAR12 Datasheet
486Kb / 5P
12 outlet, 15-ft cord, 3840 joules, All metal housing Rackmount Isobar Surge Suppressor
ISOTEL ETC2-ISOTEL Datasheet
500Kb / 5P
4 outlet, 6-ft cord, 3330 joules Isobar Surge Suppressor
ISOTEL8ULTRA ETC2-ISOTEL8ULTRA Datasheet
500Kb / 5P
8-outlets, 12-ft cord, 3840 joule, RJ11 protection, All metal housing Isobar Surge Suppressor
ULTRAFAX ETC2-ULTRAFAX Datasheet
532Kb / 5P
2 outlet, Direct plug-in, 1410 joules, All-Metal Housing Isobar Surge Suppressor
logo
Tripp Lite. All Rights ...
IBR12 TRIPPLITE-IBR12 Datasheet
164Kb / 4P
Isobar 12-Outlet Network Server Surge Protector, 15 ft. Cord, 3840 Joules, Diagnostic LEDs, 1U Rack-Mount, Metal Housing
ISOBAR12 TRIPPLITE-ISOBAR12 Datasheet
480Kb / 3P
12 outlet, 15-ft cord, 3840 joules, Rackmount Isobar Surge Suppressor
ISOBAR8ULTRA TRIPPLITE-ISOBAR8ULTRA Datasheet
177Kb / 4P
Isobar 8-Outlet Surge Protector, 12 ft. Cord with Right-Angle Plug, 3840 Joules, Diagnostic LEDs, Metal Housing
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com