Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6564T Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6564T
Description  10-pin transition-mode PFC controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6564T Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6564T Datasheet HTML 13Page - STMicroelectronics L6564T Datasheet HTML 14Page - STMicroelectronics L6564T Datasheet HTML 15Page - STMicroelectronics L6564T Datasheet HTML 16Page - STMicroelectronics L6564T Datasheet HTML 17Page - STMicroelectronics L6564T Datasheet HTML 18Page - STMicroelectronics L6564T Datasheet HTML 19Page - STMicroelectronics L6564T Datasheet HTML 20Page - STMicroelectronics L6564T Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
L6564T
Typical electrical performance
Doc ID 022671 Rev 1
17/33
Figure 24.
Gate drive output saturation vs. TJ Figure 25. Delay to output vs. TJ
0
2
4
6
8
10
12
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
Low level
High level
50
100
150
200
250
300
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
VCC = 12V
Figure 26.
Startup timer period vs. TJ
0
50
100
150
200
250
300
350
400
450
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
First Cicle
Timer
After OCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com