Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6564T Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6564T
Description  10-pin transition-mode PFC controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6564T Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6564T Datasheet HTML 20Page - STMicroelectronics L6564T Datasheet HTML 21Page - STMicroelectronics L6564T Datasheet HTML 22Page - STMicroelectronics L6564T Datasheet HTML 23Page - STMicroelectronics L6564T Datasheet HTML 24Page - STMicroelectronics L6564T Datasheet HTML 25Page - STMicroelectronics L6564T Datasheet HTML 26Page - STMicroelectronics L6564T Datasheet HTML 27Page - STMicroelectronics L6564T Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Application information
L6564T
24/33
Doc ID 022671 Rev 1
However, in some applications such as AC-DC adapters, where the PFC pre-regulator is
turned off at light load for energy saving reasons, even a well-designed boost inductor may
occasionally slightly saturate when the PFC stage is restarted because of a larger load
demand. This happens when the restart occurs at an unfavorable line voltage phase, i.e.
when the output voltage is significantly below the rectified peak voltage. As a result, in the
boost inductor the inrush current coming from the bridge rectifier adds up to the switched
current and, furthermore, there is little or no voltage available for demagnetization.
To cope with a saturated inductor, the L6564T is provided with a second comparator on the
current sense pin (CS, pin 4) that stops the IC if the voltage, normally limited within 1.1 V,
exceeds 1.7 V. After that, the IC is attempted to restart by the internal starter circuitry; the
starter repetition time is twice the nominal value to guarantee lower stress for the inductor
and boost diode. Hence, the system safety is considerably increased.
Figure 32.
Effect of boost inductor saturation on the MOSFET current and detection method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com