Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6564T Datasheet(PDF) 28 Page - STMicroelectronics

Part # L6564T
Description  10-pin transition-mode PFC controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6564T Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L6564T Datasheet HTML 24Page - STMicroelectronics L6564T Datasheet HTML 25Page - STMicroelectronics L6564T Datasheet HTML 26Page - STMicroelectronics L6564T Datasheet HTML 27Page - STMicroelectronics L6564T Datasheet HTML 28Page - STMicroelectronics L6564T Datasheet HTML 29Page - STMicroelectronics L6564T Datasheet HTML 30Page - STMicroelectronics L6564T Datasheet HTML 31Page - STMicroelectronics L6564T Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Application examples and ideas
L6564T
28/33
Doc ID 022671 Rev 1
Figure 35.
L6564 100 W TM PFC: compliance
with EN61000-3-2 standard
Figure 36.
L6564 100 W TM PFC: compliance
with JEITA-MITI standard
0.0001
0.001
0.01
0.1
1
1
3
5
7
9 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39
Harmonic Order [n]
Meas ured value
EN61000-3- 2 class- D lim its
0.0001
0.001
0.01
0.1
1
10
1
3
5
7
9 1113 1517 19 2123 2527 29 3133353739
Harmonic Order [n]
Measur ed value
JEITA-MITI Class-Dlim its
Figure 37.
L6564 100 W TM PFC: input current
waveform @230-50 Hz - 100 W load
Figure 38.
L6564 100W TM PFC: input current
waveform @100 V-50 Hz - 100 W
load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com