Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B320 Datasheet(PDF) 10 Page - Orister Corporation

Part # B320
Description  3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

B320 Datasheet(HTML) 10 Page - Orister Corporation

Back Button B320 Datasheet HTML 2Page - Orister Corporation B320 Datasheet HTML 3Page - Orister Corporation B320 Datasheet HTML 4Page - Orister Corporation B320 Datasheet HTML 5Page - Orister Corporation B320 Datasheet HTML 6Page - Orister Corporation B320 Datasheet HTML 7Page - Orister Corporation B320 Datasheet HTML 8Page - Orister Corporation B320 Datasheet HTML 9Page - Orister Corporation B320 Datasheet HTML 10Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Page No. : 10/10
DS‐RS6507‐02    February, 2010 
www.Orister.com
 
 
Important Notice: 
 
© Orister Corporation 
Orister cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an Orister product. 
No circuit patent licenses, copyrights, mask work rights, or other intellectual property rights are implied. 
 
Orister  reserves  the  right  to  make  changes  to  their  products  or  specifications  or  to  discontinue  any  product  or  service 
without notice. Except as provided in Orister’s terms and conditions of sale, Orister assumes no liability whatsoever, and 
Orister disclaims any express or implied warranty relating to the sale and/or use of Orister products including liability or 
warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other 
intellectual  property  right.  In  order  to  minimize  risks  associated  with  the  customer’s  applications,  adequate  design  and 
operating safeguards must be provided by the customer to minimize inherent or procedural hazards. Testing and other 
quality control techniques are utilized to the extent Orister deems necessary to support this warranty. Specific testing of 
all parameters of each device is not necessarily performed.  
 
Orister and the Orister logo are trademarks of Orister Corporation. All other brand and product names appearing in this 
document are registered trademarks or trademarks of their respective holders. 
 
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com