Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B320 Datasheet(PDF) 3 Page - Orister Corporation

Part # B320
Description  3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

B320 Datasheet(HTML) 3 Page - Orister Corporation

  B320 Datasheet HTML 1Page - Orister Corporation B320 Datasheet HTML 2Page - Orister Corporation B320 Datasheet HTML 3Page - Orister Corporation B320 Datasheet HTML 4Page - Orister Corporation B320 Datasheet HTML 5Page - Orister Corporation B320 Datasheet HTML 6Page - Orister Corporation B320 Datasheet HTML 7Page - Orister Corporation B320 Datasheet HTML 8Page - Orister Corporation B320 Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Page No. : 3/10
DS‐RS6507‐02    February, 2010 
www.Orister.com
Block Diagram 
 
Absolute Maximum Ratings 
Symbol 
Parameter 
Range 
Units 
VIN 
Supply Voltage ‐0.3 to +21 
V 
VSW 
SW Pin Voltage ‐0.3 to VIN +0.3 
V 
VBS 
Boot Strap Voltage 
VSW ‐0.3 to VSW +6 
V 
VFB 
Feedback Voltage ‐0.3 to +6 
V 
VEN 
Enable/UVLO Voltage ‐0.3 to +6 
V 
VCOMP 
Comp Voltage ‐0.3 to +6 
V 
VSS 
SS Voltage ‐0.3 to +6 
V 
TJ 
Junction Temperature 
150 
oC 
TOPR 
Operating Temperature Range ‐20 to +85 
oC 
TSTG 
Storage Temperature Range ‐65 to +150 
oC 
TLEAD 
Lead Temperature 
260 
oC 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com