Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B320 Datasheet(PDF) 2 Page - Orister Corporation

Part # B320
Description  3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

B320 Datasheet(HTML) 2 Page - Orister Corporation

  B320 Datasheet HTML 1Page - Orister Corporation B320 Datasheet HTML 2Page - Orister Corporation B320 Datasheet HTML 3Page - Orister Corporation B320 Datasheet HTML 4Page - Orister Corporation B320 Datasheet HTML 5Page - Orister Corporation B320 Datasheet HTML 6Page - Orister Corporation B320 Datasheet HTML 7Page - Orister Corporation B320 Datasheet HTML 8Page - Orister Corporation B320 Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Page No. : 2/10
DS‐RS6507‐02    February, 2010 
www.Orister.com
Pin Assignments 
 
SOP‐8(EP) 
 
 
 
PACKAGE 
PIN 
SYMBOL 
DESCRIPTION 
1 
BS 
Bootstrap. This capacitor (C5) is needed to drive the power switch’s gate above 
the supply voltage. It is connected between the SW and BS pins to form a floating 
supply across the power switch driver. The voltage across C5 is about 5V and is 
supplied by the internal +5V supply when the SW pin voltage is low. 
2 
IN 
Supply Voltage. The RS6507 operates from a 4.75V to 20V unregulated input. C1 
is needed to prevent large voltage spikes from appearing at the input. 
3 
SW 
Power  Switching  Output.  SW  is  the  switching  node  that  supplies  power  to  the 
output.  Connect  the  output  LC  filter  from  SW  to  the  output  load.  Note  that  a 
capacitor is required from SW to BS to power the high‐side switch. 
4, 9 
GND 
Ground. Note: Connect the exposed pad to Pin 4. 
5 
FB 
Feedback  Input.  FB  senses  the  output  voltage  and  regulates  it.  Drive  FB  with  a 
resistive  voltage  divider  from  the  output  voltage  to  ground.  The  feedback 
threshold is 0.925V. See Setting the Output Voltage. 
6 
COMP 
Compensation Node. COMP is used to compensate the regulation control loop. 
Connect  a  series  RC  network  from  COMP  to  GND.  In  some  cases,  an  additional 
capacitor from COMP to GND is required. See Compensation. 
7 
EN 
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN high 
to turn on the regulator, drive it low to turn it off. For automatic startup, leave 
EN unconnected. 
SOP‐8(EP) 
8 
SS 
Soft‐Start.  Connect  SS  to  an  external  capacitor  to  program  the  soft‐start.  If 
unused, leave it open. 
Ordering Information 
DEVICE 
DEVICE CODE 
RS6507‐XX Y Z 
XX is nominal output voltage : 
AD : ADJ 
Y is package & Pin Assignments designator : 
SE : SOP‐8(EP) 
Z is Lead Free designator : 
P: Commercial Standard, Lead (Pb) Free and Phosphorous (P) Free Package 
G: Green (Halogen Free with Commercial Standard) 
 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com