Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMART3000NET Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMART3000NET
Description  SmartPro 3kVA Line Interactive UPS, Extended-run option, Tower, Serial, 120V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART3000NET Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMART3000NET Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART3000NET Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART3000NET Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART3000NET Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART3000NET Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART3000NET Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SmartPro 3kVA Line Interactive UPS, Extended-run
option, Tower, Serial, 120V
MODEL NUMBER: SMART3000NET
Description
Tripp Lite's SMART 3000NET intelligent, line interactive large tower UPS system protects servers, networking
accessories and telecommunications equipment from blackouts, voltage fluctuations and transient surges. Large
internal batteries offer 23 minutes half load runtime and 7 minutes fully loaded. Runtime is expandable with
optional BP24V28-2U (limit 1) and BP24V70-3U (multi-pack compatible) external battery packs. 3000VA/2400 watt power handling capability supports a
variety of networking, telecom and other sensitive electronic applications. Includes 8 protected outlets. Supports remote monitoring of UPS and site power
conditions via built-in RS-232 enabled monitoring port, plus standard UPS monitoring via 2 built in contact closure ports. Includes PowerAlert UPS monitoring
and unattended shutdown software with complete cabling. Built-in audible alarm and front panel LEDs indicate line power, battery power, battery charge level,
load level and voltage regulation status. Network grade AC surge suppression protects equipment from damage and performance problems resulting from
transient surges.
Features
SMART 3000NET line interactive UPS offers battery derived AC output during power outages, voltage regulation during brownouts and overvoltages, plus
network-grade AC surge suppression
3000VA/2400 watt power handling capability supports a variety of networking, telecom and other sensitive electronic devices
Large internal batteries offer runtimes of 23 minutes at half load (1500VA/1200 watts) and 7 minutes at full load (3000VA/2400 watts)
Runtime is further expandable with optional external BP24V28-2U (limit 1) and BP24V70-3U (multi-pack compatible) battery packs
Automatic Voltage Regulation (AVR) circuits maintain 120V nominal output over an input voltage range of 87-140V
Includes 8 fully protected outlets (4 NEMA 5-15R & 4 NEMA 5-15/20R) with 2 single outlet load banks that can be individually powered off and back on
again via software interface
PowerAlert UPS monitoring and unattended shutdown software enables configurable network broadcast messaging, email notification, event logging and
running user defined script commands
Offers simultaneous monitoring of up to 3 directly connected devices through included DB9 contact closure and RS-232 enabled interfaces, or the
monitoring of any number of additional servers over IP with included PowerAlert monitoring software
In addition to the contact closure monitoring of on battery, low battery and power restored messaging, built-in RS-232 interface supports messaging of
UPS and line power status, including AC line voltage, DC battery voltage and remaining battery capacity
Supports activate self-test and UPS output power control for delayed or immediate reboot of connected equipment
Highlights
3kVA / 3000VA line interactive,
extended-run tower UPS
120V nominal output during
brownouts to 87V and
overvoltages to 140V
3 DB9 ports (1 RS232 / 2
contact-closure)
Front panel status LEDs with
load and battery capacity display
2 independently switchable
output load banks
NEMA L5-30P input; 4 NEMA
5-15/20R & 4 NEMA 5-15R
outlets
Package Includes
SMART 3000NET UPS System
PowerAlert Software and three 6
foot network cables
Instruction manual
1 / 5


Similar Part No. - SMART3000NET

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART3000NET TRIPPLITE-SMART3000NET_15 Datasheet
508Kb / 4P
SmartPro 120V 3kVA 2.4kW Line-Interactive UPS,Extended Run, Tower, 3-DB9 ports
More results

Similar Description - SMART3000NET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART3000SLT ETC2-SMART3000SLT Datasheet
509Kb / 6P
SmartPro 3kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, Tower, USB, Serial, EPO 120V
SMART3000VS ETC2-SMART3000VS Datasheet
512Kb / 7P
SmartPro 3kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower, USB, Serial, 120V
SMART1500XL ETC2-SMART1500XL Datasheet
510Kb / 7P
SmartPro 1.5kVA Line Interactive UPS Extended-run option, Tower, USB, Serial, 120V
SMART2200VS ETC2-SMART2200VS Datasheet
512Kb / 6P
SmartPro 2.2kVA Line Interactive UPS, SNMPWEBCARD option, Tower, USB, Serial, 120V
logo
Tripp Lite. All Rights ...
SMART1500XL TRIPPLITE-SMART1500XL_15 Datasheet
502Kb / 5P
SmartPro 120V 1.5kVA 980W Line-Interactive UPS,Extended Run, Tower, USB, DB9 Serial
SMART3000NET TRIPPLITE-SMART3000NET_15 Datasheet
508Kb / 4P
SmartPro 120V 3kVA 2.4kW Line-Interactive UPS,Extended Run, Tower, 3-DB9 ports
SMART3000RM2U TRIPPLITE-SMART3000RM2U_15 Datasheet
508Kb / 5P
-SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard option,2U Rack/Tower, USB, DB9 Serial
SMART3000VS TRIPPLITE-SMART3000VS_15 Datasheet
507Kb / 5P
SmartPro 120V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, 120V, USB,DB9 Serial
SMART3000VSTAA TRIPPLITE-SMART3000VSTAA Datasheet
530Kb / 5P
TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive UPS, Extended Run, SNMP,Webcard, Tower, 120V, USB, DB9 Serial
SMARTINT3000VS TRIPPLITE-SMARTINT3000VS Datasheet
505Kb / 5P
SmartPro 230V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com