Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMART3000NET Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SMART3000NET
Description  SmartPro 3kVA Line Interactive UPS, Extended-run option, Tower, Serial, 120V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART3000NET Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SMART3000NET Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART3000NET Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART3000NET Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART3000NET Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART3000NET Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART3000NET Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Half load runtime (minutes)
23 min. (1200w)
Expandable battery runtime
Extended runtime supported via optional external battery packs
External battery pack compatibility
BP24V28-2U (limit 1); BP24V70-3U (multi-pack compatible)
DC system voltage (VDC)
24
Battery recharge rate (included
batteries)
Less than 9 hours from 10% to 90%
VOLTAGE REGULATION
Voltage regulation description
Automatic voltage regulation (AVR) maintains line power operation with an input voltage range of 87 to 140
Overvoltage correction
Input voltages between 127 and 140 are reduced by 12%
Undervoltage correction
Input voltages between 95 and 105 are boosted by 10%
Severe undervoltage correction
Input voltages between 87 and 94 are boosted by 22%
LEDS ALARMS & SWITCHES
LED Indicators
5 LEDs indicate line power, battery power, overload, voltage regulation and battery low/replace status
Alarms
Audible alarm indicates power-failure and low-battery conditions
Alarm cancel operation
Power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate
low-battery status
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation; set of 4 rear-panel switches control
system enable and contact closure port inverter shutoff commands
SURGE / NOISE SUPPRESSION
UPS AC suppression joule rating
480
UPS AC suppression response time
Instantaneous
EMI / RFI AC noise suppression
Yes
PHYSICAL
Installation form factors supported
with included accessories
Tower
Primary form factor
Tower
UPS / Power Module dimensions in
primary form factor (height x width x
depth / inches)
17 x 9 x 12.5
UPS / Power Module dimensions in
primary form factor (height x width x
depth / cm)
43.2 x 22.9 x 31.8
UPS / Power Module weight (lbs)
89
UPS / Power Module weight (kg)
40.4
UPS Shipping dimensions (height x
width x depth / inches)
22.2 x 12.8 x 16.5
3 / 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com