Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMART3000NET Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SMART3000NET
Description  SmartPro 3kVA Line Interactive UPS, Extended-run option, Tower, Serial, 120V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART3000NET Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SMART3000NET Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART3000NET Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART3000NET Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART3000NET Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART3000NET Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART3000NET Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Supports activate self-test and UPS output power control for delayed or immediate reboot of connected equipment
Diagnostic LEDs (indicate 17 performance conditions)
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
3000
Output kVA capacity (kVA)
3
Output Watt Capacity (watts)
2400
Output kW capacity
2.4
Output power factor
0.8
Nominal Output Voltage(s)
Supported
120V
Frequency compatibility
60 Hz
Output voltage regulation (line mode)
-13% / +5%
Output voltage regulation (Battery
mode)
+/- 5%
Built-in UPS output receptacles
4 5-15R outlet(s); 4 5-15/20R outlet(s)
Built-in controllable switched load
banks
Two switchable single-outlet 5-15R load banks
Output circuit breaker
15A branch rated (x2) - each breaker protects 4 outlets
Output AC waveform (AC mode)
Sine wave
Output AC waveform (battery mode)
PWM sine wave
INPUT
Rated input current (at maximum
load)
22A
Nominal Input Voltage(s) Supported
120V AC
UPS input connection type
L5-30P
UPS Input cord length (ft.)
8
UPS Input cord length (m)
2.4
Recommended Electrical Service
30A 120V
Input cord length (ft.)
8
Input cord length (m)
2.4
Phase
Single-Phase
BATTERY
Full load runtime (minutes)
7 min. (2400w)
2 / 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com