Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP808NETG Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TLP808NETG
Description  8 outlet, 8-ft cord, 2160 joules, 1-line tel/network protection Eco Energy-Saving Surge Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLP808NETG Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TLP808NETG Datasheet HTML 1Page - List of Unclassifed Manufacturers TLP808NETG Datasheet HTML 2Page - List of Unclassifed Manufacturers TLP808NETG Datasheet HTML 3Page - List of Unclassifed Manufacturers TLP808NETG Datasheet HTML 4Page - List of Unclassifed Manufacturers TLP808NETG Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Integrated child-safety sliding outlet covers safely seal off all unused outlets
Diagnostic LEDs confirm outlet grounding and surge suppression status
Attractive gray suppressor housing with keyhole mounting tabs allow versatile placement options
$150,000 Ultimate Lifetime Insurance (USA and Canada Only)
Specifications
OVERVIEW
Intended Application
Green (Energy-Saving)
OUTPUT
Output Watt Capacity (watts)
1800
Frequency compatibility
60 Hz
Circuit Breaker (amps)
15
Outlet quantity / type
8 NEMA 5-15R
Transformer accommodation
Supports 3 large transformer plug accessories without covering remaining outlets
Outlet details
Includes built-in sliding safety covers
Outlet orientation
Single row of 5, plus a second row of 3 for transformer accommodation
INPUT
Nominal Input Voltage(s) Supported
120V AC
Recommended Electrical Service
120V (110-125V)
Input connection type
NEMA 5-15P
Input plug features
Space-saving right angle input plug
Input cord length (ft.)
8
Input cord length (m)
2.4
Input cord gauge, type
14 gauge, SJT
Voltage compatibility (VAC)
120
Maximum Surge Amps
144000
LEDS ALARMS & SWITCHES
Switches
Combination AC circuit breaker and 2 position red illuminated on/off power switch
Diagnostic LEDs
Built-in LEDs confirm suppressor "protection present" (green) and "grounded" (red) status
SURGE / NOISE SUPPRESSION
AC suppression joule rating
2160
AC suppression response time
< 1 ns
2 / 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com