Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP808NETG Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TLP808NETG
Description  8 outlet, 8-ft cord, 2160 joules, 1-line tel/network protection Eco Energy-Saving Surge Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLP808NETG Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TLP808NETG Datasheet HTML 1Page - List of Unclassifed Manufacturers TLP808NETG Datasheet HTML 2Page - List of Unclassifed Manufacturers TLP808NETG Datasheet HTML 3Page - List of Unclassifed Manufacturers TLP808NETG Datasheet HTML 4Page - List of Unclassifed Manufacturers TLP808NETG Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Protection modes
Includes full normal mode (H-N) and common mode (N-G / H-G) line surge suppression
Clamping voltage (RMS)
150
UL1449 let through rating
330 L-G, 400 L-N, 400 N-G
EMI / RFI filtering
Up to 40 dB
DATALINE SURGE SUPPRESSION
Telephone/DSL Protection
Yes
Network (Ethernet) Protection
Yes
PHYSICAL
Shipping Dimensions (HWD/in)
2.05 x 8.66 x 11.4
Shipping Dimensions (HWD/cm)
5.21 x 22.00 x 28.99
Shipping weight (lbs)
2.05
Shipping weight (kg)
0.93
Unit Dimensions (HWD/in)
1.51 x 4.86 x 9.55
Unit Dimensions (HWD/cm)
3.84 x 12.34 x 24.26
Unit weight (lbs)
1.87
Unit weight (kg)
0.85
Material of construction
Plastic
Integrated keyhole mounting tabs
Keyhole mounting tabs enable wall mounting
Housing Color
Light Gray
Receptacle Color
Light Gray
AC line cord color
Light Gray
Style
Strip
Outlets center to center
measurement
Distance between standard outlets = 28.5mm; Distance between transformer outlets = 57mm
Keyhole slot center to center
measurement
Distance between horizontal slots = 75mm; Distance between vertical slots = 41.6mm
SPECIAL FEATURES
Green & high efficiency features
Power saving auto-shutoff ECO outlets
Right-Angle Plug
Yes
CERTIFICATIONS
UL1449 3rd Edition (AC
Suppression)
UL1449 3RD EDITION
UL1363 (Power Tap)
UL1363
cUL / CSA (Canada)
cUL
3 / 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com