Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP808NETG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TLP808NETG
Description  8 outlet, 8-ft cord, 2160 joules, 1-line tel/network protection Eco Energy-Saving Surge Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLP808NETG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TLP808NETG Datasheet HTML 1Page - List of Unclassifed Manufacturers TLP808NETG Datasheet HTML 2Page - List of Unclassifed Manufacturers TLP808NETG Datasheet HTML 3Page - List of Unclassifed Manufacturers TLP808NETG Datasheet HTML 4Page - List of Unclassifed Manufacturers TLP808NETG Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
8 outlet, 8-ft cord, 2160 joules, 1-line tel/network
protection Eco Energy-Saving Surge Suppressor
MODEL NUMBER: TLP808NETG
Description
Tripp Lite's TLP808NETG offers reliable, green surge technology that protects your computer and peripherals,
the environment and your wallet. The TLP808NETG offers a unique Netbook switch that allows users to select
wattage, so these are the only green surge suppressors compatible with all PCs, Notebooks and Netbooks.
Energy-saving outlet configuration reduces energy waste (phantom loads) by cutting AC power to unused
peripherals. TLP808NETG offers 8 total outlets, 1-line tel/network data line to protect surges from damaging your
modem/fax/100Bt equipment, 8 foot cord with space-saving angled plug and diagnostic LEDs to warn of wiring problems and suppressor damage.
Network-grade AC suppression rated at 2160 joules shields equipment from surges and line noise. Integrated child-safety outlet covers safely seal off unused
outlets. Attractive cool gray suppressor housing with keyhole mounting tabs and 3 designated transformer plug outlets offers convenient protection of desktop
computer equipment and accessories. $150,000 connected equipment insurance (USA and Canada Only). PLUG/OUTLETS: Input: NEMA5-15P/Output: 8
NEMA5-15R/8 ft. AC line cord ELECTRICAL: 120V AC, 60Hz, 15A (Requires NEMA5-15R wall receptacle) FORMAT: Corded multi-outlet strip with transformer
spaced outlets SUPPRESSION AC: 150V RMS Clamping/2160 joules
Features
Energy-saving outlet configuration reduces energy waste (phantom loads) byt cutting AC power to unused peripherals
Allows users to switch between green (auto) power save mode and standard (manual) surge protection mode
8 total AC outlets with room for 3 transformer plugs without blocking outlets covers computers and all peripherals
"Master" outlet controls power flow for 1 primary device and up to 5 peripheral devices
Five "Power Save" outlets cut AC power when not in use--perfect for non-essential peripherals like monitors, printers, scanners, speakers, lamps, etc.
Two "Always-On" outlets provide continuous power for interminable devices such as modems, routers, external hard drives, cordless phones and fax
machines
1-line tel/network data line protection to prevent surges from damaging your modem/fax/100Bt equipment
User-selectable wattage switch accommodates PCs, Netbooks and other Internet research tools
2160 joules AC surge suppression shields equipment from the strongest surges and line noise
Long 8 foot AC line cable with space-saving angle input plug conveniently reaches distant outlets
Lighted power switch with integrated 15 amp circuit breaker offers power control and overload protection
Integrated child-safety sliding outlet covers safely seal off all unused outlets
Highlights
8 outlets / 8-ft. cord
2160 joule rating
Auto/Manual switch offers green
energy savings or standard
protection
Unique Netbook switch allows
user to select wattage
1-line tel/network protection
$150,000 Ultimate Lifetime
Insurance (USA, Puerto Rico &
Canada only)
Applications
Ideal for any desktop, network or
home computing application
requiring AC protection.
Package Includes
TLP808NETG Eco
Energy-Saving Surge Suppressor
6-ft. tel/network cable
Instruction manual with warranty
information
1 / 4


Similar Part No. - TLP808NETG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLP808 ETC2-TLP808 Datasheet
507Kb / 5P
8-outlet, 8-ft cord, 1440 joule - Protect It! Surge Suppressor
TLP808TEL ETC2-TLP808TEL Datasheet
510Kb / 5P
8-outlet, 8-ft cord, 2160 joule with modem/fax protection - Protect It! Surge Suppressor
TLP808TELTV ETC2-TLP808TELTV Datasheet
514Kb / 5P
8-outlet, 8-ft cord, 2160 joule, RJ11 and coaxial protection - Protect It! Surge Suppressor
More results

Similar Description - TLP808NETG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLP808 ETC2-TLP808 Datasheet
507Kb / 5P
8-outlet, 8-ft cord, 1440 joule - Protect It! Surge Suppressor
TLP808TELTV ETC2-TLP808TELTV Datasheet
514Kb / 5P
8-outlet, 8-ft cord, 2160 joule, RJ11 and coaxial protection - Protect It! Surge Suppressor
ISOTEL ETC2-ISOTEL Datasheet
500Kb / 5P
4 outlet, 6-ft cord, 3330 joules Isobar Surge Suppressor
TLP606RNET ETC2-TLP606RNET Datasheet
550Kb / 4P
6 Outlets, 6ft cord, 1440 Joules, 1-line rotating gold coaxial 1-line tel/modem protection - Surge Suppressor
TLP707TEL ETC2-TLP707TEL Datasheet
499Kb / 5P
7 outlet, 7-ft cord, 1080 joules, tel/modem protection - Protect It! Surge Suppressor
TLP808TEL ETC2-TLP808TEL Datasheet
510Kb / 5P
8-outlet, 8-ft cord, 2160 joule with modem/fax protection - Protect It! Surge Suppressor
TLP810NET ETC2-TLP810NET Datasheet
514Kb / 5P
8-outlet, 10-ft cord, 3240 joules, Tel/Modem, Ethernet, Coaxial protection - Protect It! Surge Suppressor
TLP810SAT ETC2-TLP810SAT Datasheet
518Kb / 5P
8 outlet, 10-ft cord, 3240 joules, Coax/Modem/Fax protection - Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP1208TEL TRIPPLITE-TLP1208TEL Datasheet
176Kb / 4P
Protect It! 12-Outlet Surge Protector, 8-ft. Cord, 2160 Joules, Tel/Modem Protection
SK6-6 TRIPPLITE-SK6-6 Datasheet
169Kb / 4P
Protect It! 8-Outlet Home Computer Surge Protector, 8 ft. (2.43 m) Cord, 1080 Joules, Space-Saving Plug
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com