Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C08-RMC6TG Datasheet(PDF) 6 Page - STMicroelectronics

Part # M24C08-RMC6TG
Description  8-Kbit serial I짼C bus EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C08-RMC6TG Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M24C08-RMC6TG Datasheet HTML 2Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 3Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 4Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 5Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 6Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 7Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 8Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 9Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Description
M24C08-W M24C08-R M24C08-F
6/38
DocID023924 Rev 4
1
Description
The M24C08 is an 8-Kbit I2C-compatible EEPROM (Electrically Erasable PROgrammable
Memory) organized as 1 K × 8 bits.
The M24C08-W can be accessed with a supply voltage from 2.5 V to 5.5 V, the M24C08-R
can be accessed with a supply voltage from 1.8 V to 5.5 V, and the M24C08-F can be
accessed either with a supply voltage from 1.7 V to 5.5 V (over the full temperature range)
or with an extended supply voltage from 1.6 V to 1.7 V. All these devices operate with a
clock frequency of 400 kHz.
Figure 1. Logic diagram
Table 1. Signal names
Signal name
Function
Direction
E2(1)
1. Signal not connected in the WLCSP package.
Chip Enable
Input
SDA
Serial Data
I/O
SCL
Serial Clock
Input
WC(1)
Write Control
Input
VCC
Supply voltage
-
VSS
Ground
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com