Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C08-RMC6TG Datasheet(PDF) 24 Page - STMicroelectronics

Part # M24C08-RMC6TG
Description  8-Kbit serial I짼C bus EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C08-RMC6TG Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M24C08-RMC6TG Datasheet HTML 20Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 21Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 22Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 23Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 24Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 25Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 26Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 27Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
DC and AC parameters
M24C08-W M24C08-R M24C08-F
24/38
DocID023924 Rev 4
Table 13. DC characteristics (M24C08-W, device grade 6)
Symbol
Parameter
Test conditions (in addition to those
in Table 5 and Table 9)
Min.
Max.
Unit
ILI
Input leakage current
(SCL, SDA)
VIN = VSS or VCC, device in Standby
mode
-± 2
µA
ILO
Output leakage
current
SDA in Hi-Z, external voltage applied
on SDA: VSS or VCC
-± 2
µA
ICC
Supply current (Read)
VCC = 5.5 V, fc = 400 kHz
-
1(1)
1. 2 mA (at VCC = 5 V) for previous devices identified by process letters G or S.
mA
VCC = 2.5 V, fc = 400 kHz
-
1
mA
ICC0
Supply current (Write)
Value overaged over tW,
2.5 V ≤ VCC ≤ 5.5 V
-1(2)
2. Characterized only (not tested in production) for devices identified by process letter T. ICC0(max)is lower
than 0.5 mA when writing data with an ambient temperature greater than 25 °C.
mA
ICC1
Standby supply
current
Device not selected(3),
VIN = VSS or VCC, VCC = 2.5 V
3. The device is not selected after power-up, after a Read instruction (after the Stop condition), or after the
completion of the internal write cycle tW (tW is triggered by the correct decoding of a Write instruction).
-2(4)
4. 1 µA for previous devices identified by process letters G or S.
µA
Device not selected(3),
VIN = VSS or VCC, VCC = 5.5 V
-3(4)
µA
VIL
Input low voltage
(SCL, SDA, WC,
E2)(5)
5. Ei inputs should be tied to Vss (see Section 2.3).
-
–0.45
0.3 VCC
V
VIH
Input high voltage
(SCL, SDA, WC)
-0.7 VCC VCC +1
V
VOL
Output low voltage
IOL = 2.1 mA, VCC = 2.5 V or
IOL = 3 mA, VCC = 5.5 V
-0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com