Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C08-RMC6TG Datasheet(PDF) 23 Page - STMicroelectronics

Part # M24C08-RMC6TG
Description  8-Kbit serial I짼C bus EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C08-RMC6TG Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M24C08-RMC6TG Datasheet HTML 19Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 20Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 21Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 22Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 23Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 24Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 25Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 26Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
DocID023924 Rev 4
23/38
M24C08-W M24C08-R M24C08-F
DC and AC parameters
37
Table 11. Cycling performance
Symbol
Parameter
Test condition(1)
1. Cycling performance for products identified by process letter T.
Max.
Unit
Ncycle
Write cycle
endurance
TA ≤ 25 °C, VCC(min) < VCC < VCC(max)
4,000,000
Write cycle
TA = 85 °C, VCC(min) < VCC < VCC(max)
1,200,000
Table 12. Memory cell data retention
Parameter
Test condition
Min.
Unit
Data retention(1)
1. For products identified by process letter T. The data retention behavior is checked in production, while the
200-year limit is defined from characterization and qualification results.
TA = 55 °C
200
Year



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com