Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1MD2D14-R60NF Datasheet(PDF) 7 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MD2D14-R60NF
Description  Available for ultra low profile
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MD2D14-R60NF Datasheet(HTML) 7 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Back Button 1MD2D14-R60NF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R60NF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R60NF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R60NF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R60NF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R60NF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R60NF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R60NF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R60NF Datasheet HTML 10Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
 
 
 
7 
1MD Series
Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MD‐2012A
Accetek 
Inductance
DCR
Part Number
μH
Tolerance
Typ.(Ω)
Max.(Ω)
Irms(A)
Isat(A)
1MD6D28-7R3NF
7.3
±30%
0.040
0.054
2.24
2.10
1MD6D28-8R6NF
8.6
±30%
0.043
0.058
2.16
1.85
1MD6D28-100MF
10
±20%
0.048
0.065
2.04
1.70
1MD6D28-120MF
12
±20%
0.052
0.070
1.96
1.55
1MD6D28-150MF
15
±20%
0.062
0.084
1.80
1.40
1MD6D28-180MF
18
±20%
0.070
0.095
1.69
1.32
1MD6D28-220MF
22
±20%
0.095
0.128
1.45
1.20
1MD6D28-270MF
27
±20%
0.105
0.142
1.38
1.05
1MD6D28-330MF
33
±20%
0.122
0.165
1.28
0.97
1MD6D28-390MF
39
±20%
0.156
0.210
1.13
0.86
1MD6D28-470MF
47
±20%
0.176
0.238
1.07
0.80
1MD6D28-560MF
56
±20%
0.205
0.277
0.99
0.73
1MD6D28-680MF
68
±20%
0.225
0.304
0.94
0.65
1MD6D28-820MF
82
±20%
0.290
0.390
0.83
0.60
1MD6D28-101MF
100
±20%
0.397
0.535
0.71
0.54
1MD6D28-121MF
120
±20%
0.600
0.750
0.58
0.51
1MD6D28-151MF
150
±20%
0.760
0.950
0.51
0.47
1MD6D28-181MF
180
±20%
0.960
1.200
0.46
0.41
1MD6D28-221MF
220
±20%
1.200
1.500
0.41
0.37
1MD6D28-271MF
270
±20%
1.360
1.700
0.38
0.33
1MD6D28-331MF
330
±20%
1.720
2.150
0.34
0.28
1MD6D28-471MF
470
±20%
2.520
3.150
0.28
0.21
1MD6D28-681MF
680
±20%
4.120
5.150
0.22
0.20
1MD6D38-3R3NF
3.3
±30%
0.015
0.020
4.08
3.50
1MD6D38-5R0NF
5.0
±30%
0.018
0.024
3.73
2.90
1MD6D38-6R2NF
6.2
±30%
0.020
0.027
3.54
2.50
1MD6D38-7R4NF
7.4
±30%
0.023
0.031
3.30
2.30
1MD6D38-8R7NF
8.7
±30%
0.025
0.034
3.16
2.20
1MD6D38-100MF
10
±20%
0.028
0.038
2.99
2.00
1MD6D38-120MF
12
±20%
0.039
0.053
2.53
1.70
1MD6D38-150MF
15
±20%
0.042
0.057
2.44
1.60
1MD6D38-180MF
18
±20%
0.068
0.092
1.92
1.50
1MD6D38-220MF
22
±20%
0.071
0.096
1.88
1.30
1MD6D38-270MF
27
±20%
0.081
0.109
1.76
1.20
1MD6D38-330MF
33
±20%
0.092
0.124
1.65
1.10
1MD6D38-390MF
39
±20%
0.102
0.138
1.57
1.00
1MD6D38-470MF
47
±20%
0.115
0.155
1.47
0.95
1MD6D38-560MF
56
±20%
0.140
0.202
1.34
0.85
1MD6D38-680MF
68
±20%
0.173
0.234
1.20
0.75
1MD6D38-820MF
82
±20%
0.240
0.324
1.02
0.70
1MD6D38-101MF
100
±20%
0.265
0.358
0.97
0.65
1MD6D38-121MF
120
±20%
0.376
0.470
0.82
0.59
1MD6D38-151MF
150
±20%
0.464
0.580
0.73
0.54
1MD6D38-181MF
180
±20%
0.552
0.690
0.67
0.49
1MD6D38-221MF
220
±20%
0.712
0.890
0.59
0.43
1MD6D38-271MF
270
±20%
1.032
1.290
0.49
0.40
1MD6D38-331MF
330
±20%
1.360
1.700
0.43
0.37
1MD6D38-391MF
390
±20%
1.400
1.750
0.42
0.34
1MD6D38-471MF
470
±20%
1.760
2.200
0.38
0.32
1MD6D38-561MF
560
±20%
2.280
2.850
0.33
0.29
1MD6D38-681MF
680
±20%
2.560
3.200
0.31
0.25
1MD6D38-821MF
820
±20%
3.240
4.050
0.28
0.22
1MD6D38-102MF
1000
±20%
4.560
5.700
0.23
0.20
1MD8D28-1R0NF
1.0
±30%
0.008
0.011
6.50
7.00



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com