Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1MD2D14-R60NF Datasheet(PDF) 3 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MD2D14-R60NF
Description  Available for ultra low profile
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MD2D14-R60NF Datasheet(HTML) 3 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MD2D14-R60NF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R60NF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R60NF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R60NF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R60NF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R60NF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R60NF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R60NF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R60NF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
 
 
 
3 
1MD Series
Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MD‐2012A
Accetek 
D SPECIFICATIONS
Inductance
DCR
Part Number
μH
Tolerance
Typ.(Ω)
Max.(Ω)
Irms(A)
Isat(A)
1MD2D09-1R2NF
1.2
±30%
0.062
0.078
1.55
0.83
1MD2D09-1R5NF
1.5
±30%
0.071
0.088
1.35
0.70
1MD2D09-2R4NF
2.4
±30%
0.095
0.119
1.10
0.58
1MD2D09-3R3NF
3.3
±30%
0.139
0.174
0.90
0.50
1MD2D09-4R7NF
4.7
±30%
0.190
0.238
0.80
0.38
1MD2D09-6R8NF
6.8
±30%
0.232
0.290
0.65
0.36
1MD2D09-8R2NF
8.2
±30%
0.320
0.400
0.56
0.31
1MD2D09-100MF
10
±20%
0.400
0.500
0.51
0.30
1MD2D09-120MF
12
±20%
0.440
0.550
0.45
0.27
1MD2D09-150MF
15
±20%
0.520
0.650
0.42
0.24
1MD2D09-180MF
18
±20%
0.610
0.770
0.38
0.22
1MD2D09-220MF
22
±20%
0.750
0.940
0.35
0.20
1MD2D09-270MF
27
±20%
0.880
1.110
0.32
0.16
1MD2D11-1R0NF
1.0
±30%
0.050
0.063
1.70
1.50
1MD2D11-1R5NF
1.5
±30%
0.067
0.084
1.45
1.25
1MD2D11-2R2NF
2.2
±30%
0.076
0.096
1.40
1.10
1MD2D11-2R7NF
2.7
±30%
0.096
0.120
1.20
0.92
1MD2D11-3R3NF
3.3
±30%
0.123
0.154
1.00
0.88
1MD2D11-4R7NF
4.7
±30%
0.198
0.248
0.80
0.70
1MD2D11-5R6NF
5.6
±30%
0.211
0.264
0.75
0.65
1MD2D11-6R8NF
6.8
±30%
0.227
0.284
0.72
0.60
1MD2D11-8R2NF
8.2
±30%
0.301
0.376
0.60
0.52
1MD2D11-100MF
10
±20%
0.342
0.428
0.58
0.48
1MD2D11-150MF
15
±20%
0.530
0.663
0.46
0.40
1MD2D11-180MF
18
±20%
0.584
0.730
0.43
0.36
1MD2D11-220MF
22
±20%
0.641
0.801
0.42
0.35
1MD2D14-R21NF
0.21
±30%
0.016
0.021
4.74
3.80
1MD2D14-R36NF
0.36
±30%
0.020
0.026
4.10
3.25
1MD2D14-R60NF
0.60
±30%
0.025
0.033
3.45
2.20
1MD2D14-R82NF
0.82
±30%
0.030
0.039
2.85
2.10
1MD2D14-1R2NF
1.2
±30%
0.038
0.049
2.75
1.95
1MD2D14-1R5NF
1.5
±30%
0.050
0.063
2.00
1.80
1MD2D14-1R8NF
1.8
±30%
0.060
0.075
1.80
1.65
1MD2D14-2R2NF
2.2
±30%
0.075
0.094
1.60
1.50
1MD2D14-2R7NF
2.7
±30%
0.085
0.106
1.40
1.35
1MD2D14-3R3NF
3.3
±30%
0.100
0.125
1.24
1.20
1MD2D14-3R9NF
3.9
±30%
0.110
0.138
1.12
1.10
1MD2D14-4R7NF
4.7
±30%
0.135
0.169
1.00
1.00
1MD2D14-5R6NF
5.6
±30%
0.150
0.188
0.98
0.95
1MD2D14-6R8NF
6.8
±30%
0.170
0.213
0.92
0.85
1MD2D14-8R2NF
8.2
±30%
0.225
0.281
0.80
0.80
1MD2D14-100MF
10
±20%
0.235
0.294
0.76
0.70
1MD2D14-120MF
12
±20%
0.315
0.394
0.64
0.62
1MD2D18-2R2NF
2.2
±30%
0.033
0.041
2.30
0.85
1MD2D18-3R3NF
3.3
±30%
0.043
0.054
2.10
0.75
1MD2D18-4R7NF
4.7
±30%
0.062
0.078
1.65
0.63
1MD2D18-6R8NF
6.8
±30%
0.085
0.106
1.32
0.52
1MD2D18-100MF
10
±20%
0.145
0.180
1.00
0.43
1MD2D18-150MF
15
±20%
0.175
0.220
0.80
0.35
1MD2D18-220MF
22
±20%
0.255
0.320
0.68
0.30
1MD2D18-330MF
33
±20%
0.370
0.460
0.56
0.24



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com