Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1MD2D14-R60NF Datasheet(PDF) 9 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MD2D14-R60NF
Description  Available for ultra low profile
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MD2D14-R60NF Datasheet(HTML) 9 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Back Button 1MD2D14-R60NF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R60NF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R60NF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R60NF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R60NF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R60NF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R60NF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R60NF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD2D14-R60NF Datasheet HTML 10Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
 
 
 
9 
1MD Series
Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MD‐2012A
Accetek 
2D09,2D11,2D14,2D18
3D11,3D14,3D16,3D18,3D28,4D18,4D28,5D18,5D28,6D28,6D38
W
P
P0
P1
T
H
W
P
P0
P1
T
H
8D28,8D38,8D43
Reel Dimensions
P
P0
P1
w
H
T
A
B
C
E
D
 
Case Size
Parts per Reel
Reel Dimensions(REF)
Tape Dimensions(REF)
A
B
C
D
E
W
P
P0
P1
H
T
1MD2D09
3000
330
100
13
19.5
13.5
12.0
8
4
2
1.4
0.3
1MD2D11
3000
330
100
13
19.5
13.5
12.0
8
4
2
1.6
0.3
1MD2D14
3000
330
100
13
19.5
13.5
12.0
8
4
2
1.6
0.3
1MD2D18
3000
330
100
13
19.5
13.5
12.0
8
4
2
2.1
0.3
1MD3D11
3000
330
100
13
19.5
13.5
12.0
8
4
2
2.1
0.3
1MD3D14
3000
330
100
13
19.5
13.5
12.0
8
4
2
2.1
0.3
1MD3D16
3000
330
100
13
19.5
13.5
12.0
8
4
2
2.1
0.3
1MD3D18
3000
330
100
13
19.5
13.5
12.0
8
4
2
2.1
0.3
1MD3D28
3000
330
100
13
19.5
13.5
12.0
8
4
2
3.3
0.3
1MD4D18
3000
330
100
13
19.5
13.5
12.0
8
4
2
2.1
0.3
1MD4D28
2500
330
100
13
19.5
13.5
12.0
8
4
2
3.3
0.3
1MD5D18
4000
330
100
13
19.5
13.5
12.0
8
4
2
2.2
0.3
1MD5D28
2500
330
100
13
19.5
13.5
12.0
8
4
2
3.2
0.3
1MD6D28
1500
330
100
13
22.5
16.5
16.0
12
4
2
3.4
0.4
1MD6D38
1000
330
100
13
22.5
16.5
16.0
12
4
2
4.5
0.4
1MD8D28
1000
330
100
13
22.5
16.5
16.0
12
4
2
3.5
0.4
1MD8D38
1000
330
100
13
22.5
16.5
16.0
12
4
2
4.3
0.4
1MD8D43
800
330
100
13
22.5
16.5
16.0
12
4
2
4.3
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com