Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9271 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ML9271
Description  48-Bit Grid/Anode VFD Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9271 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ML9271 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LAPIS Semiconductor
FEDL9271-01
Issue Date: Mar. 1, 2007
ML9271
48-Bit Grid/Anode VFD Driver
1/16
GENERAL DESCRIPTION
The ML9271 is a monolithic IC designed for directly driving the anodes of the vacuum fluorescent display tube.
The circuit contains a 48-bit shift register circuit, 48-bit latch circuit, and 48 output circuits on a single chip.
Display data is serially stored in the shift register at the rising edge of CLOCK pulse.
Setting the CL pin high allows all the driver outputs to be driven low, which makes it possible to set the display
clear.
Setting the CHG pin high with the CL pin set low allows all the driver outputs to be driven high for testing.
FEATURES
• Logic power supply (VDD)
: 3.3V
10% or 5.0 V10%
• VFD tube drive power supply (VDISP)
: 8 to 18 V
• Operating temperature range
: −40 to +105°C
• VFD driver outputs can be connected directly to the VFD tube. No pull-down resistor is required.
• VFD driver output current (HVO1 to HVO48)
: −6.0 mA
• Clock frequency
: 5.0MHz
• Package
: 64-pin plastic QFP (QFP64-P-1414-0.80-BK)
: Al-Pad Chip


Similar Part No. - ML9271

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9271 ETC2-ML9271 Datasheet
281Kb / 16P
48-Bit Grid/Anode VFD Driver
More results

Similar Description - ML9271

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9261 OKI-ML9261 Datasheet
160Kb / 17P
60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
MSC1162A OKI-MSC1162A Datasheet
110Kb / 14P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
MSC1164 OKI-MSC1164 Datasheet
120Kb / 13P
20-Bit Grid/Anode Driver
MSC1212-01 OKI-MSC1212-01 Datasheet
99Kb / 11P
48-Bit Grid/Anode Driver
MSM5267B-15 OKI-MSM5267B-15 Datasheet
128Kb / 9P
33-BIT VFD SEGMENT DRIVER
ML9261A OKI-ML9261A Datasheet
134Kb / 16P
60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
logo
List of Unclassifed Man...
ML9271 ETC2-ML9271 Datasheet
281Kb / 16P
48-Bit Grid/Anode VFD Driver
ML9272 ETC2-ML9272 Datasheet
175Kb / 15P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
ML9272 ETC2-ML9272 Datasheet
175Kb / 15P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
logo
LDT Co., Ltd
LD1970 LDT-LD1970 Datasheet
709Kb / 26P
16 SEGMENT X 12 GRID VFD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com