Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP4435 Datasheet(PDF) 3 Page - Stanson Technology

Part # STP4435
Description  P Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STP4435 Datasheet(HTML) 3 Page - Stanson Technology

  STP4435 Datasheet HTML 1Page - Stanson Technology STP4435 Datasheet HTML 2Page - Stanson Technology STP4435 Datasheet HTML 3Page - Stanson Technology STP4435 Datasheet HTML 4Page - Stanson Technology STP4435 Datasheet HTML 5Page - Stanson Technology STP4435 Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STP4435
P Channel Enhancement Mode MOSFET
-
10A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2007, Stanson Corp.
STP4435 2007. V1
ELECTRICAL CHARACTERISTICS ( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min Typ Max Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V,ID=-250uA
-30
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250 uA
-1.0
-3.0
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±
100 nA
Zero Gate Voltage Drain
Current
IDSS
TJ=55℃
VDS=-30V,VGS=0V
-1
uA
VDS=-30V,VGS=0V
-5
Drain-source On-Resistance
RDS(on)
VGS=-10V, ID=-9.2A
VGS=-4.5V, ID=-7.0
0.022
0.030
0.028
0.035
Ω
Forward Tran Conductance
gfs
VDS=-10V,ID=-9.0A
24
S
Diode Forward Voltage
VSD
IS=-2.0A,VGS=0V
-0.8 -1.0
V
Dynamic
Total Gate Charge
Qg
VDS=-15V,VGS=-10V
ID≡-9.A
16
24
nC
Gate-Source Charge
Qgs
2.3
Gate-Drain Charge
Qgd
4.5
Input Capacitance
Ciss
VDS =-15V,VGS=0V
f=1MHz
1650
pF
Output Capacitance
Coss
350
Reverse TransferCapacitance
Crss
235
Turn-On Time
td(on)
tr
VDD=15V,RL=15Ω
ID=-1.0A,VGEN=-10V
RG=6Ω
16
30
nS
17
30
Turn-Off Time
td(off)
tf
65
110
35
80



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com