Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBHP682-RU Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QBHP682-RU
Description  High Power LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBHP682-RU Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QBHP682-RU Datasheet HTML 1Page - List of Unclassifed Manufacturers QBHP682-RU Datasheet HTML 2Page - List of Unclassifed Manufacturers QBHP682-RU Datasheet HTML 3Page - List of Unclassifed Manufacturers QBHP682-RU Datasheet HTML 4Page - List of Unclassifed Manufacturers QBHP682-RU Datasheet HTML 5Page - List of Unclassifed Manufacturers QBHP682-RU Datasheet HTML 6Page - List of Unclassifed Manufacturers QBHP682-RU Datasheet HTML 7Page - List of Unclassifed Manufacturers QBHP682-RU Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
QBHP682 series
1W High Power LED
Product: QBHP682 series
Date: April 5, 2011
Page 2 of 8
Version# 1.2
Electrical / Optical Characteristic (TA=25oC)
Product
Color
IF(mA)
VF(V)
λ(nm)
Φv(lm)
Typ.
max
λD
λP
△λ
min
typ.
QBHP682-RU
Red
350
2.4
3.2
625
632
--
35
40
QBHP682-YU
Yellow
350
2.4
3.2
585
590
--
30
37
QBHP682-IBU
Blue
350
3.5
4.0
470
468
--
12
18
QBHP682-IGU
Green
350
3.5
4.0
525
518
--
50
70
Absolute Maximum Rating
Product
Emit Color Pd (mW) IF (mA) IFP (mA)* VR (V)
TOP (
oC)
TST (
oC)
TSOL (
oC)**
QBHP682-RU
Red
1120
400
500
5
-30 to +85 -40 to +100
240
QBHP682-YU
Yellow
QBHP682-IBU
Blue
1400
QBHP682-IGU
Green
*Duty 1/10 @0.1ms Pulse Width
** IR Reflow for no more than 10 sec @ 240
oC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com