Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBHP682-RU Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # QBHP682-RU
Description  High Power LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBHP682-RU Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  QBHP682-RU Datasheet HTML 1Page - List of Unclassifed Manufacturers QBHP682-RU Datasheet HTML 2Page - List of Unclassifed Manufacturers QBHP682-RU Datasheet HTML 3Page - List of Unclassifed Manufacturers QBHP682-RU Datasheet HTML 4Page - List of Unclassifed Manufacturers QBHP682-RU Datasheet HTML 5Page - List of Unclassifed Manufacturers QBHP682-RU Datasheet HTML 6Page - List of Unclassifed Manufacturers QBHP682-RU Datasheet HTML 7Page - List of Unclassifed Manufacturers QBHP682-RU Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
QBHP682 series
1W High Power LED
Product: QBHP682 series
Date: April 5, 2011
Page 7 of 8
Version# 1.2
Ordering Information:
Part #
Orderable Part #
Spec Range
Quantity per tube
QBHP682-RU
QBHP682-RU
Iv = 40.0 lm typ.
50 units
QBHP682-YU
QBHP682-YU
Iv = 37.0 lm typ.
50 units
QBHP682-IBU
QBHP682-IBU
Iv = 18.0 lm typ.
50 units
QBHP682-IGU
QBHP682-IGU
Iv = 70.0 lm typ.
50 units



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com