Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBHP682-RU Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # QBHP682-RU
Description  High Power LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBHP682-RU Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  QBHP682-RU Datasheet HTML 1Page - List of Unclassifed Manufacturers QBHP682-RU Datasheet HTML 2Page - List of Unclassifed Manufacturers QBHP682-RU Datasheet HTML 3Page - List of Unclassifed Manufacturers QBHP682-RU Datasheet HTML 4Page - List of Unclassifed Manufacturers QBHP682-RU Datasheet HTML 5Page - List of Unclassifed Manufacturers QBHP682-RU Datasheet HTML 6Page - List of Unclassifed Manufacturers QBHP682-RU Datasheet HTML 7Page - List of Unclassifed Manufacturers QBHP682-RU Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
QBHP682 series
1W High Power LED
Product: QBHP682 series
Date: April 5, 2011
Page 1 of 8
Version# 1.2
Feature:
 Water clear lens
 Package in tube
 1W High Power
 Low thermal resistance
 Super high flux and luminance
 AllnGaP Red/Yellow; InGaN Blue/Green
Description:
This 1W high power LED is 5mm height and 8mm
diameter which is ideal in high current application.
Application:
 Automotive lighting
 Architectural lighting
 TV backlight module
 Traffic lights
 Household appliances
Certification & Compliance:
 TS16949
 ISO9001
 RoHS Compliant
Dimension:
Units: mm / tolerance = +/-0.2mm


Similar Part No. - QBHP682-RU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBHP682-RGBU ETC-QBHP682-RGBU Datasheet
568Kb / 7P
3W High Power LED
More results

Similar Description - QBHP682-RU

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYB-E27W3W3B FORYARD-FYB-E27W3W3B Datasheet
753Kb / 4P
High Power LED
FYG50-5052UW-3W FORYARD-FYG50-5052UW-3W Datasheet
599Kb / 4P
High Power LED
FYLP-5052PGC-1W FORYARD-FYLP-5052PGC-1W Datasheet
518Kb / 8P
High-Power LED
FYLP-5052UBC-1W FORYARD-FYLP-5052UBC-1W Datasheet
516Kb / 8P
High-Power LED
logo
Roithner LaserTechnik G...
ELJ-810-629 ROITHNER-ELJ-810-629 Datasheet
262Kb / 4P
High Power LED
RLT-WNP1000-02 ROITHNER-RLT-WNP1000-02 Datasheet
227Kb / 4P
High Power LED
SMB1W-770R ROITHNER-SMB1W-770R Datasheet
372Kb / 5P
High Power LED
logo
Lite-On Technology Corp...
LTPL-C034UVH365 LITEON-LTPL-C034UVH365 Datasheet
611Kb / 17P
LED HIGH POWER
logo
Everlight Electronics C...
EAHP2835GA0 EVERLIGHT-EAHP2835GA0 Datasheet
411Kb / 10P
High Power LED
logo
Lite-On Technology Corp...
LTPL-U034UVH385 LITEON-LTPL-U034UVH385 Datasheet
721Kb / 19P
LED HIGH POWER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com