Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBHP684U-RU Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # QBHP684U-RU
Description  1W High Power LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBHP684U-RU Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  QBHP684U-RU Datasheet HTML 1Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 2Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 3Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 4Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 5Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 6Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 7Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 8Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
QBHP684U-XXU Series
1W High Power LED
----------------------------------------------------------------------------------------------------------------------------------------
Product: QBHP684U-XXU Series
Date: April 30, 2014
Page 3 of 11
Version# 1.7
Introduction
Feature:
 Package in tape and reel
 1W High Bright LED
 Low thermal resistance < 4°C/W
 Super high flux and luminance
 AlInGaP technology for R, S and Y
 InGaN technology for IB and IG
 ESD Protection (IB and IG)
 ESD protection up to 8KV
Description:
This 1W high bright high power LED has compact
size of 3.6 x 3.6mm. It is ideal for both in door and
outdoor lighting
Application:
 Architectural and outdoor lighting
 Household appliances
 General lighting
Certification & Compliance:
 TS16949
 ISO9001
 RoHS Compliant
Dimension:
Units: mm / tolerance = +/-0.1mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com