Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBHP684U-RU Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # QBHP684U-RU
Description  1W High Power LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBHP684U-RU Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button QBHP684U-RU Datasheet HTML 2Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 3Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 4Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 5Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 6Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 7Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 8Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 9Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
QBHP684U-XXU Series
1W High Power LED
----------------------------------------------------------------------------------------------------------------------------------------
Product: QBHP684U-XXU Series
Date: April 30, 2014
Page 6 of 11
Version# 1.7
Luminous Flux
Φv for Blue @ I
F=350mA
Bin
Min.
Max.
Unit
BA
10
15
lm
BB
15
20
BC
20
25
Dominant Wavelength λ
D for Red @ IF=350mA
Bin
Min.
Max.
Unit
R2
620
625
nm
R3
625
630
Dominant Wavelength λ
D for Deep Red @ IF=350mA
Bin
Min.
Max.
Unit
RB
650
670
nm
Dominant Wavelength λ
D for Yellow @ IF=350mA
Bin
Min.
Max.
Unit
A1
585
590
nm
A2
590
595
Dominant Wavelength λ
D for Green @ IF=350mA
Bin
Min.
Max.
Unit
G2
520
525
nm
G3
525
530
Dominant Wavelength λ
D for Blue @ IF=350mA
Bin
Min.
Max.
Unit
B2
450
460
nm
Note:
Tolerance of measurement of forward voltage: ±0.1V
Tolerance of measurement of luminous flux: ±10%
Tolerance of measurement of dominant wavelength: ±2nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com