Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBHP684U-RU Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # QBHP684U-RU
Description  1W High Power LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBHP684U-RU Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button QBHP684U-RU Datasheet HTML 3Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 4Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 5Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 6Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 7Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 8Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 9Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 10Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
QBHP684U-XXU Series
1W High Power LED
----------------------------------------------------------------------------------------------------------------------------------------
Product: QBHP684U-XXU Series
Date: April 30, 2014
Page 10 of 11
Version# 1.7
Ordering Information
Part #
Orderable Part #
Spec Range
Quantity per reel
QBHP684U-RU
QBHP684U-RU
Φv=55lm typ., @ IF=350mA /
λD=620nm to 630nm
1000 units
QBHP684U-SU
QBHP684U-SU
Φv=20lm typ., @ IF=350mA /
λD=650nm to 670nm
1000 units
QBHP684U-YU
QBHP684U-YU
Φv=60lm typ. @ IF=350mA /
λD=585nm to 595nm
1000 units
QBHP684UE-IGU
QBHP684UE-IGU
Φv=110lm typ. @ IF=350mA /
λD=520nm to 530nm
1000 units
QBHP684UE-IBU
QBHP684UE-IBU
Φv=20lm typ. @ IF=350mA /
λD=450nm to 460nm
1000 units



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com