Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBHP684U-RV Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # QBHP684U-RV
Description  3W High Power LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBHP684U-RV Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  QBHP684U-RV Datasheet HTML 1Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 2Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 3Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 4Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 5Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 6Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 7Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 8Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
QBHP684U-XXV series
3W High Power LED
----------------------------------------------------------------------------------------------------------------------------------------
Product: QBHP684U-XXV Series
Date: April 30, 2014
Page 4 of 10
Version# 1.4
Pad Configuration:
Electrical / Optical Characteristic (TA=25
oC)
Product
Color
IF (mA)
VF (V)
λD (nm)
Φv (lm)
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
QBHP684U-RV
Red
700
2.6
2.8
620
625
630
80
91
QBHP684U-YV
Yellow
700
2.6
2.8
585
590
595
65
66
QBHP684UE-IGV
Green
700
3.6
4.0
520
525
530
140
145
QBHP684UE-IBV
Blue
700
3.6
4.0
450
455
460
20
34
Absolute Maximum Rating
Material
Pd (mW)
IF (mA) IFP (mA)*
VR (V)
TOP (
oC)
TST (
oC)
TSOL (
oC)
AlInGaP (R/Y)
1.96
700
1000
5
-40 to +85
-40 to +100
260
InGaN (IB/IG)
2.66
700
1000
5
-40 to +85
-40 to +100
260
*Duty 1/10 @0.1ms Pulse Width



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com