Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBHP684U-RV Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # QBHP684U-RV
Description  3W High Power LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBHP684U-RV Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button QBHP684U-RV Datasheet HTML 2Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 3Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 4Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 5Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 6Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 7Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 8Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 9Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
QBHP684U-XXV series
3W High Power LED
----------------------------------------------------------------------------------------------------------------------------------------
Product: QBHP684U-XXV Series
Date: April 30, 2014
Page 9 of 10
Version# 1.4
Ordering Information
Part #
Orderable Part #
Spec Range
Quantity per reel
QBHP684U-RV
QBHP684U-RV
Φv=91lm typ., @ IF=700mA /
λD=620nm to 630nm
1000 units
QBHP684U-YV
QBHP684U-YV
Φv=66lm typ. @ IF=700mA /
λD=585nm to 595nm
1000 units
QBHP684UE-IGV
QBHP684UE-IGV
Φv=145lm typ. @ IF=700mA /
λD=520nm to 530nm
1000 units
QBHP684UE-IBV
QBHP684UE-IBV
Φv=34lm typ. @ IF=700mA /
λD=450nm to 460nm
1000 units



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com