Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBHP684U-RV Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # QBHP684U-RV
Description  3W High Power LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBHP684U-RV Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button QBHP684U-RV Datasheet HTML 2Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 3Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 4Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 5Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 6Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 7Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 8Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 9Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
QBHP684U-XXV series
3W High Power LED
----------------------------------------------------------------------------------------------------------------------------------------
Product: QBHP684U-XXV Series
Date: April 30, 2014
Page 10 of 10
Version# 1.4
Revision History
Description:
Revision #
Revision Date
New Release of QBHP684U-XXV series
V1.0
08/26/2013
Update soldering pattern
V1.1
09/24/2013
Update green luminous flux
V1.2
10/17/2013
Add VF bin
V1.3
03/27/2014
Update luminous flux
V1.4
04/30/2014
Disclaimer
QT-BRIGHTEK reserves the right to make changes without further notice to any products herein to
improve reliability, function or design. QT-BRIGHTEK does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under
its patent rights, nor the rights of others.
Life Support Policy
QT-
BRIGHTEK’s products are not authorized for use as critical components in life support devices or
systems without the express written approval of QT-BRIGHTEK. As used herein:
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant
into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in
accordance with instructions for use provided in the labeling, can be reasonably expected to result in
a significant injury of the user.
2. A critical component in any component of a life support device or system whose failure to perform
can be reasonably expected to cause the failure of the life support device or system, or to affect its
safety or effectiveness.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com