Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1000UPS Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # HT1000UPS
Description  Audio/Video Digital UPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

HT1000UPS Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  HT1000UPS Datasheet HTML 1Page - Tripp Lite. All Rights Reserved HT1000UPS Datasheet HTML 2Page - Tripp Lite. All Rights Reserved HT1000UPS Datasheet HTML 3Page - Tripp Lite. All Rights Reserved HT1000UPS Datasheet HTML 4Page - Tripp Lite. All Rights Reserved HT1000UPS Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DC System Voltage (VDC)
12
Battery Recharge Rate (Included
Batteries)
Less than 20 hours from 10% to 90%
Battery Access
Supports battery replacement via built-in access panel
VOLTAGE REGULATION
Voltage Regulation Description
Automatic voltage regulation (AVR) maintains line power operation with input voltage as low as 89
Undervoltage Correction
Input voltages between 89 and 104 are boosted by 14%
LEDS ALARMS & SWITCHES
LED Indicators
Front panel LCD display
Front Panel LCD Display
Backlighted LCD screen indicates input voltage, 5-bar battery charge level, overload, AVR, on battery and replace
battery status; LCD screen rotates for rack/tower viewing
Audible Alarm
Audible alarm indicates power-failure, low-battery and overload status; alarm can be disabled using PowerAlert
software
Alarm Cancel Operation
Power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate
low-battery status
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
480
UPS AC Suppression Response
Time
Instantaneous
UPS Dataline Suppression
1 line TEL/DSL (1 in / 1 out); Coax jacks (2 sets)
UPS Dataline Suppression Details
HD-compatible 2.2GHz coaxial protection
EMI / RFI AC Noise Suppression
Yes
PHYSICAL
Installation Form Factors Supported
with Included Accessories
Tower
Primary Form Factor
Tower
UPS Power Module Dimensions
(hwd, in.)
12 x 3.5 x 6.5
UPS Power Module Dimensions
(hwd, cm)
30.5 x 8.9 x 16.5
Installed whole system dimensions
in secondary form factor (height x
width x depth / cm)
8.9 x 30.5 x 16.5
Secondary Form Factor
Horizontal desktop placement
Installed whole system dimensions
in secondary form factor (height x
width x depth / inches)
3.5 x 12 x 6.5
3 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com