Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1000UPS Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # HT1000UPS
Description  Audio/Video Digital UPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

HT1000UPS Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  HT1000UPS Datasheet HTML 1Page - Tripp Lite. All Rights Reserved HT1000UPS Datasheet HTML 2Page - Tripp Lite. All Rights Reserved HT1000UPS Datasheet HTML 3Page - Tripp Lite. All Rights Reserved HT1000UPS Datasheet HTML 4Page - Tripp Lite. All Rights Reserved HT1000UPS Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HID-compliant USB port enables integration with built-in power management and auto-shutdown features of Windows and Mac OS X
PowerAlert Software available via free download from www.tripplite.com
Single-line phone suppression protects standard dialup/DSL phone connection
2-line 2.2 GHz coaxial surge protection for cable, satellite and antenna connections
EMI/RFI line noise filtering improves component performance, assuring fuller audio and sharper video
1000VA/500W power handling ability supports a variety of sensitive computer, home theater and other equipment
3 min. full load runtime (1000VA/500W), 11 min. half load runtime (500VA/250W)
Cabinet adapts to tower format or rackmount shelf format; 2U rackmount installation requires optional shelf, available separately
Supports battery replacement via built-in access panel
$100,000 Ultimate Lifetime Insurance (U.S., Canada, and Puerto Rico only)
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
1000
Output Watt Capacity (Watts)
500
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency Compatibility
60 Hz
Output Voltage Regulation (Battery
Mode)
115V (+/- 5%)
UPS Output Receptacles
8 5-15R outlet(s)
UPS Output Receptacles (Surge
Suppression Only)
4 UPS outlets, 4 surge-only outlets
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
Rated input current (Maximum Load)
12A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
5-15P
UPS Input Cord Length (ft.)
6
UPS Input Cord Length (m)
1.8
Recommended Electrical Service
15A 120V
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
3 min. (500w)
Half Load Runtime (min.)
11 min. (250w)
2 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com