Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1000UPS Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # HT1000UPS
Description  Audio/Video Digital UPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

HT1000UPS Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  HT1000UPS Datasheet HTML 1Page - Tripp Lite. All Rights Reserved HT1000UPS Datasheet HTML 2Page - Tripp Lite. All Rights Reserved HT1000UPS Datasheet HTML 3Page - Tripp Lite. All Rights Reserved HT1000UPS Datasheet HTML 4Page - Tripp Lite. All Rights Reserved HT1000UPS Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Audio/Video Digital UPS - Line-Interactive UPS
System with LCD Status Screen
MODEL NUMBER: HT1000UPS
Description
Tripp Lite's HT1000UPS Line-Interactive Digital UPS System offers voltage regulation, surge suppression and
long-lasting battery support for personal computers, home entertainment systems and media centers. Internal
UPS circuits support entry-level PCs for up to 60 minutes or individual VCR/DVR component for as long as 3
hours during power failures. Prevents data loss, viewing interruptions, lost recordings and loss of component
programming. Automatic Voltage Regulation (AVR) circuits regulate brownouts as low as 89 volts back to usable
levels without consuming battery power. EMI/RFI line noise filtering improves component performance, assuring
fuller audio and sharper video. Includes 4 battery-supported outlets, plus 4 surge suppression-only outlets for
items not requiring battery support. USB port enables optional unattended system shutdown without data loss in
the case of extended power failure. PowerAlert Software available via free download from www.tripplite.com.
HID-compliant USB port also enables integration with built-in power management and auto-shutdown features of
Windows and Mac OS X. Built-in single-line RJ-11 phone jacks provide surge protection for a modem, satellite
receiver or other peripherals with a standard dialup/DSL phone connection. Two sets of 2.2 GHz coaxial jacks
protect against surges entering on CATV, satellite or broadcast antenna connections. Built-in audible alarm and large LCD front panel voltage display indicates
line power status, battery power status, battery low/replace status and voltage boost operation. 1000VA/500W power-handling ability supports media center
PCs, home entertainment systems and audio/video components including flat-panel TVs, VCR/DVD players and PVRs (TiVo®). Offers 3 min. battery runtime
with a full load of 1000VA/500W and 11 min. with a half load of 500VA/250W. $100,000 Ultimate Lifetime Insurance (U.S., Canada, and Puerto Rico only).
Features
LCD status screen indicates input voltage, battery capacity and a variety of operating conditions. Display is rotatable for easy viewing wwith UPS placed
vertically or horizontally
Offers automatic voltage regulation, surge suppression and long-lasting battery support during blackouts
Supports entry-level PCs up to 60 min. or single VCR/DVR components for up to 3 hours during blackouts
Regulates brownouts as low as 89V back to usable levels without using battery power
4 UPS battery-supported outlets plus 4 additional surge suppression-only outlets
USB port enables unattended shutdown in the case of extended power failure
HID-compliant USB port enables integration with built-in power management and auto-shutdown features of Windows and Mac OS X
Highlights
Automatic voltage regulation
protects sensitive A/V
components from damaging
power fluctuations
Reliable battery support
preserves settings and
recordings through blackouts
EMI/RFI line noise filtering
improves component
performance (fuller audio/sharper
video)
8 widely spaced AC outlets (4
UPS/surge, 4 surge-only); USB
port and FREE PowerAlert
Software (Web download)
2-line 2.2 GHz
cable/satellite/antenna coaxial
surge protection plus single-line
tel/DSL surge protection
$100,000 Ultimate Lifetime
Insurance (U.S., Canada, and
Puerto Rico only)
Package Includes
HT1000UPS Audio/Video Digital
UPS System
1 phone and 2 gold coaxial cables
Owner's manual with warranty
information
1 / 5


Similar Part No. - HT1000UPS

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HT1001 HBH-HT1001 Datasheet
17Kb / 1P
1 - 1000 MHz 5-BIT Digital Attenuator
HT1001 HBH-HT1001 Datasheet
18Kb / 1P
1 - 1000 MHz 5-BIT Digital Attenuator
HT1001_SMD HBH-HT1001_SMD Datasheet
18Kb / 1P
1 - 1000 MHz 5-BIT Digital Attenuator
More results

Similar Description - HT1000UPS

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM7040 BOARDCOM-BCM7040 Datasheet
131Kb / 1P
MPEG2 DIGITAL VIDEO/AUDIO ENCODER
logo
List of Unclassifed Man...
FS6011-02 ETC-FS6011-02 Datasheet
234Kb / 15P
DIGITAL AUDIO/VIDEO CLOCK GENERATOR IC
IBM39MPEGCS24 ETC1-IBM39MPEGCS24 Datasheet
69Kb / 4P
CS24 Digital Audio/Video Decoders
logo
STMicroelectronics
STV82X8 STMICROELECTRONICS-STV82X8 Datasheet
2Mb / 157P
Digital Audio Decoder / Processor for BTSC Television/Video Recorders
Feb-2005
logo
Broadcom Corporation.
BCM7041 BOARDCOM-BCM7041 Datasheet
104Kb / 2P
SIMULTANEOUS DUAL-CHANNEL DIGITAL VIDEO/AUDIO ENCODER
logo
Sanyo Semicon Device
LA72730 SANYO-LA72730_10 Datasheet
196Kb / 8P
Audio/Video Switch
logo
Tripp Lite. All Rights ...
HTRL15UPS TRIPPLITE-HTRL15UPS Datasheet
493Kb / 5P
Audio/Video Digital UPS
logo
Level One
AVE-9301 LVL1-AVE-9301 Datasheet
1Mb / 4P
Audio/Video Extenders
logo
Tripp Lite. All Rights ...
AV550SC TRIPPLITE-AV550SC Datasheet
174Kb / 5P
550VA Audio/Video Backup Power Block - Exclusive UPS Protection for Structured Wiring Enclosure
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com