Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPS2262 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STMPS2262
Description  Enhanced dual-channel power switches
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2262 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STMPS2262 Datasheet HTML 4Page - STMicroelectronics STMPS2262 Datasheet HTML 5Page - STMicroelectronics STMPS2262 Datasheet HTML 6Page - STMicroelectronics STMPS2262 Datasheet HTML 7Page - STMicroelectronics STMPS2262 Datasheet HTML 8Page - STMicroelectronics STMPS2262 Datasheet HTML 9Page - STMicroelectronics STMPS2262 Datasheet HTML 10Page - STMicroelectronics STMPS2262 Datasheet HTML 11Page - STMicroelectronics STMPS2262 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Functional description
STMPS2242, STMPS2252, STMPS2262, STMPS2272
8/42
Doc ID 15050 Rev 3
3
Functional description
3.1
Fault blanking
The STMPS devices feature a 10 ms fault blanking. Fault blanking allows current-limit faults,
including momentary short-circuit faults that occur when hot-swapping a capacitive load,
and also ensures that no fault is issued during power-up. When a load transient causes the
device to enter current limit, an internal counter starts. If the load fault persists beyond the
10 ms fault-blanking timeout, the FAULT output asserts “low”. Load-transient faults less than
10 ms (typ.) do not cause a FAULT output assertion. Only current-limit faults have fault-
blanking. Die overtemperature faults and input voltage drops below the UVLO threshold
cause an immediate fault output.
3.2
Overcurrent/overtemperature protection
In overcurrent or short-circuit condition, the switch limits the current at 500 mA for
STMPS2242/STMPS2252 and 1000 mA for STMPS2262/STMPS2272. If the temperature
of the die goes above the limit value, the switch turns OFF.
3.3
Reverse current blocking
When the switch is OFF, or when the STMPS device is not powered (VCC=0 V), the switch
behaves as a Hi-Z at the output pin, ensuring that no reverse current will flow into the device
when VI<VO.
Note:
In the case where the switch is ON, and a voltage higher than VI is applied to the OUT pin, a
reverse current will occur.
3.4
UVLO
When the input voltage drops below the threshold value, the power switch turns OFF to
prevent improper operation due to low voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com